Electronic Components Datasheet Search
  English  ▼

X  

NJW1508 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJW1508
Description  PLL Synthesizer with IC Bus for TV Tuner
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1508 Datasheet(HTML) 1 Page - New Japan Radio

  NJW1508 Datasheet HTML 1Page - New Japan Radio NJW1508 Datasheet HTML 2Page - New Japan Radio NJW1508 Datasheet HTML 3Page - New Japan Radio NJW1508 Datasheet HTML 4Page - New Japan Radio NJW1508 Datasheet HTML 5Page - New Japan Radio NJW1508 Datasheet HTML 6Page - New Japan Radio NJW1508 Datasheet HTML 7Page - New Japan Radio NJW1508 Datasheet HTML 8Page - New Japan Radio NJW1508 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
NJW1504/1508
- 1 -
PLL Synthesizer with I
2C Bus for TV Tuner
n DESCRIPTION
The NJW1504/1508 are a PLL frequency synthesizer especially
designed for TV and VCR tuning systems and consists of PLL circuit
and a prescaler which operates up to 1.0GHz, built into one chip.
The NJW1504/1508 are controlled through an I
2C-bus.
n FEATURES
• Operating Voltage 5V
• Low Operating Current : 15mA typ. @Vcc=5V
• Prescaler accepts frequencies up to 1GHz on chip
• Reference Signal :
NJW1504: Reference Signal Oscillator with peripheral of Xtal on chip
NJW1508: Buffer Amplifier for External Reference Signal on chip
• 34V max. tuning voltage output
• Package Outline: SSOP16
n BLOCK DIAGRAM
(Note)
Purchase of I
2C components of New Japan RadioCo.,Ltd or one of its sublicensed Associated Companies conveys a license
under the Philips I
2C Patent Rights to use these components in an I2C system, provided that the system conforms to the I2C
standard specification as definedby by Philips.
n PACKAGE OUTLINE
NJW1504V/NJW1508V
BS0-BS3
BAND SW
4bit
4bit
Latch
VCC3
VCC1
5V
GND
ADRS
SDA
SCL
I2C
Bus
Receive
r
15bit
Latch
8bit
Latch
Programmable
Divider 15bit
PreAMP
1/8
CP
VCC2
AMPOUT
HF IN
AMP
Phase
OUT
Phase
Comp.
1/1024
1/512
(1/640)
Ref.
Divider
X’tal
OSC
OSCOUT
XTAL


Similar Part No. - NJW1508

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1503A NJRC-NJW1503A Datasheet
110Kb / 9P
PLL Synthesizer with 3-Wire Bus for TV Tuner
NJW1503AV NJRC-NJW1503AV Datasheet
110Kb / 9P
PLL Synthesizer with 3-Wire Bus for TV Tuner
More results

Similar Description - NJW1508

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3085AN SONY-CXA3085AN Datasheet
325Kb / 23P
All Band TV Tuner IC with On-chip PLL
CXA3135AN SONY-CXA3135AN Datasheet
319Kb / 23P
All Band TV Tuner IC with On-chip PLL
CXA3185 SONY-CXA3185 Datasheet
318Kb / 23P
All Band TV Tuner IC with On-chip PLL
logo
TEMIC Semiconductors
U6359B TEMIC-U6359B Datasheet
89Kb / 6P
Frequency Synthesizer for TV Tuner
U6205B TEMIC-U6205B Datasheet
413Kb / 8P
1.3 GHz PLL with I2C Bus for TV Tuner
logo
New Japan Radio
NJW1503A NJRC-NJW1503A Datasheet
110Kb / 9P
PLL Synthesizer with 3-Wire Bus for TV Tuner
logo
TEMIC Semiconductors
U6239B TEMIC-U6239B Datasheet
262Kb / 15P
2.9 GHz PLL for SAT TV Tuner with UNi-Bus
U6207B TEMIC-U6207B Datasheet
106Kb / 8P
1.3 GHz PLL with I2C Bus for TV Tuner
logo
Toshiba Semiconductor
TA1384FNG TOSHIBA-TA1384FNG Datasheet
302Kb / 22P
Mixer/Oscillator and PLL IC for TV/VCR Tuner
TA1395FNG TOSHIBA-TA1395FNG Datasheet
279Kb / 24P
Mixer/Oscillator and PLL IC for TV/VCR Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com