Electronic Components Datasheet Search
  English  ▼

X  

PMS164 Datasheet(PDF) 39 Page - PADAUK Technology.

Part # PMS164
Description  12 Touch Keys OTP Controller
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PMS164 Datasheet(HTML) 39 Page - PADAUK Technology.

Back Button PMS164 Datasheet HTML 35Page - PADAUK Technology. PMS164 Datasheet HTML 36Page - PADAUK Technology. PMS164 Datasheet HTML 37Page - PADAUK Technology. PMS164 Datasheet HTML 38Page - PADAUK Technology. PMS164 Datasheet HTML 39Page - PADAUK Technology. PMS164 Datasheet HTML 40Page - PADAUK Technology. PMS164 Datasheet HTML 41Page - PADAUK Technology. PMS164 Datasheet HTML 42Page - PADAUK Technology. PMS164 Datasheet HTML 43Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
PMS164
12 Touch Keys OTP Controller
©Copyright 2020, PADAUK Technology Co. Ltd
Page 39 of 74
PDK-DS-PMS164-EN-V000 – Mar. 25, 2020
Fig. 12: Hardware diagram of IO buffer
Other than PA5, all the IO pins have the same structure; PA5 can be open-drain ONLY when setting to output
mode (without Q1). When PMS164 is put in power-down or power-save mode, every pin can be used to
wake-up system by toggling its state. Therefore, those pins needed to wake-up system must be set to input
mode and set the corresponding bits of registers padier to high. The same reason, padier.0 should be set to
high when PA0 is used as external interrupt pin.
5.11. Reset
There are many causes to reset the PMS164, once reset is asserted, all the registers in PMS164 will be set
to default values, system should be restarted once abnormal cases happen, or by jumping program counter
to address ’h0. The data memory is in uncertain state when reset comes from power-up and LVR; however,
the content will be kept when reset comes from PRSTB pin or WDT timeout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com