Electronic Components Datasheet Search
  English  ▼

X  

PMS164 Datasheet(PDF) 13 Page - PADAUK Technology.

Part # PMS164
Description  12 Touch Keys OTP Controller
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PMS164 Datasheet(HTML) 13 Page - PADAUK Technology.

Back Button PMS164 Datasheet HTML 9Page - PADAUK Technology. PMS164 Datasheet HTML 10Page - PADAUK Technology. PMS164 Datasheet HTML 11Page - PADAUK Technology. PMS164 Datasheet HTML 12Page - PADAUK Technology. PMS164 Datasheet HTML 13Page - PADAUK Technology. PMS164 Datasheet HTML 14Page - PADAUK Technology. PMS164 Datasheet HTML 15Page - PADAUK Technology. PMS164 Datasheet HTML 16Page - PADAUK Technology. PMS164 Datasheet HTML 17Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
PMS164
12 Touch Keys OTP Controller
©Copyright 2020, PADAUK Technology Co. Ltd
Page 13 of 74
PDK-DS-PMS164-EN-V000 – Mar. 25, 2020
4. Device Characteristics
4.1. DC/AC Characteristics
All data are acquired under the conditions of VDD=5.0V, fSYS =2MHz unless noted.
Symbol
Description
Min.
Typ
Max.
Unit
Conditions
VDD
Operating Voltage
2.0*
5.5
V
* Subject to LVR tolerance
LVR%
Low Voltage Reset Tolerance
-5
5
%
fSYS
System clock (CLK)* =
IHRC/2
IHRC/4
IHRC/8
ILRC
0
0
0
61K
8M
4M
2M
Hz
VDD ≧ 3.5V
VDD ≧ 2.5V
VDD ≧ 2.0V
VDD =3V
IOP
Operating Current
0.5
50
mA
uA
fSYS=IHRC/16=1MIPS@5.0V
fSYS=ILRC=55KHz@5.0V
IPD
Power Down Current
(by stopsys command)
1.4
1.0
uA
VDD =5V
VDD =3.3V
IPS
Power Save Current
(by stopexe command)
*Disable IHRC
5
uA
VDD =3.3V
VIL
Input low voltage for IO lines
0
0.1 VDD
V
VIH
Input high voltage for IO lines
0.8 VDD
0.7 VDD
VDD
VDD
V
PA5
Other IO
IOL
IO lines sink current (Normal)
PB4/PB5
PA7
PA5
Others
42
26
19
14
mA VDD=5.0V, VOL=0.5V
IO lines sink current (Low)
PB4/PB5
PA7
PA5
Others
8
9
19
5
IOH
IO lines drive current (Normal)
PB5
PA7
PA5
Others
30
19
0
10
mA VDD=5.0V, VOH=4.5V
IO lines drive current (Low)
PA7
PA5
Others
5
0
3
VIN
Input voltage
-0.3
VDD+0.3
V
IINJ (PIN)
Injected current on pin
1
uA
VDD +0.3≧VIN≧ -0.3
RPH
Pull-high Resistance
110
200
KΩ
VDD=5.0V
VDD=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com