| Electronic Components Datasheet Search |
|
PMS164 Datasheet(PDF) 37 Page - PADAUK Technology. |
|
|
|||||||||||||||||||||||||||||
PMS164 Datasheet(HTML) 37 Page - PADAUK Technology. |
|
37 / 74 page ![]() PMS164 12 Touch Keys OTP Controller ©Copyright 2020, PADAUK Technology Co. Ltd Page 37 of 74 PDK-DS-PMS164-EN-V000 – Mar. 25, 2020 Another example shows how to use Timer16 to wake-up from “stopexe”: $ T16M IHRC, /1, BIT8 // Timer16 setting … WORD count = 0; STT16 count; stopexe; … The initial counting value of Timer16 is zero and the system will be waken up after the Timer16 counts 256 IHRC clocks. 5.9.2. Power-Down mode (“stopsys”) Power-Down mode is the state of deeply power-saving with turning off all the oscillator modules. By using the “stopsys” instruction, this chip will be put on Power-Down mode directly. It is recommend to set GPCC.7=0 to disable the comparator before the command “stopsys”.The following shows the internal status of PMS164 in detail when “stopsys” command is issued: All the oscillator modules are turned off OTP memory is turned off The contents of SRAM and registers remain unchanged Wake-up sources: IO toggle in digital mode (PxDIER bit is 1) Wake-up from input pins can be considered as a continuation of normal execution. To minimize power consumption, all the I/O pins should be carefully manipulated before entering power-down mode. The reference sample program for power down is shown as below: CMKMD = 0xF4; // Change clock from IHRC to ILRC, disable watchdog timer CLKMD.4 = 0; // disable IHRC … while (1) { STOPSYS; // enter power-down if (…) break; // if wakeup happen and check OK, then return to high speed, // else stay in power-down mode again. } CLKMD = 0x34; // Change clock from ILRC to IHRC/2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |