Electronic Components Datasheet Search
  English  ▼

X  

PMS164 Datasheet(PDF) 21 Page - PADAUK Technology.

Part # PMS164
Description  12 Touch Keys OTP Controller
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PMS164 Datasheet(HTML) 21 Page - PADAUK Technology.

Back Button PMS164 Datasheet HTML 17Page - PADAUK Technology. PMS164 Datasheet HTML 18Page - PADAUK Technology. PMS164 Datasheet HTML 19Page - PADAUK Technology. PMS164 Datasheet HTML 20Page - PADAUK Technology. PMS164 Datasheet HTML 21Page - PADAUK Technology. PMS164 Datasheet HTML 22Page - PADAUK Technology. PMS164 Datasheet HTML 23Page - PADAUK Technology. PMS164 Datasheet HTML 24Page - PADAUK Technology. PMS164 Datasheet HTML 25Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
PMS164
12 Touch Keys OTP Controller
©Copyright 2020, PADAUK Technology Co. Ltd
Page 21 of 74
PDK-DS-PMS164-EN-V000 – Mar. 25, 2020
5. Functional Description
5.1. Program Memory – OTP
The OTP (One Time Programmable) program memory is used to store the program instructions to be
executed. The OTP program memory may contains the data, tables and interrupt entry. After reset, the initial
address for FPP0 is 0x000. The interrupt entry is 0x010 if used. The OTP program memory for PMS164 is a
1.75KW that is partitioned as Table 1. The OTP memory from address 0x700 to 0x7FF is for system using,
address space from 0x001 to 0x00F and from 0x011 to 0x6FF is user program space.
Address
Function
0x000
FPP0 reset – goto instruction
0x001
User program
•
•
•
•
0x00F
User program
0x010
Interrupt entry address
0x011
User program
•
•
0x6FF
User program
0x700
System Using
•
•
0x7FF
System Using
Table 1: Program Memory Organization
5.2. Boot Up
POR (Power-On-Reset) is used to reset PMS164 when power up. The boot up time is 3000 ILRC clock cycles.
Customer must ensure the stability of supply voltage after power up no matter which option is chosen, the
power up sequence is shown in the Fig. 2 and tSBP is the boot up time.
Please noted, during Power-On-Reset, the VDD must go higher than VPOR to boot-up the MCU.
Fig. 2: Power Up Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com