Electronic Components Datasheet Search
  English  ▼

X  

ADRF5026 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF5026
Description  Silicon SPDT Switch, Nonreflective,100 MHz to 44 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5026 Datasheet(HTML) 4 Page - Analog Devices

  ADRF5026 Datasheet HTML 1Page - Analog Devices ADRF5026 Datasheet HTML 2Page - Analog Devices ADRF5026 Datasheet HTML 3Page - Analog Devices ADRF5026 Datasheet HTML 4Page - Analog Devices ADRF5026 Datasheet HTML 5Page - Analog Devices ADRF5026 Datasheet HTML 6Page - Analog Devices ADRF5026 Datasheet HTML 7Page - Analog Devices ADRF5026 Datasheet HTML 8Page - Analog Devices ADRF5026 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ADRF5026
Data Sheet
Rev. A | Page 4 of 13
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
DIGITAL CONTROL INPUTS
CTRL and EN pins
Voltage
Low
VINL
0
0.8
V
High
VINH
1.2
3.3
V
Current
Low and High Current
IINL, IINH
<1
μA
RECOMMENDED OPERATING
CONDITONS
Supply Voltage
Positive
VDD
3.15
3.45
V
Negative
VSS
−3.45
−3.15
V
Digital Control Voltage
VCTRL,
VEN
0
VDD
V
RF Input Power3
PIN
f = 100 MHz to 40 GHz, TCASE = 85°C4
Insertion Loss Path
RF signal is applied to the RFC or through
connected RF1/RF2
24
dBm
Isolation Path
RF signal is applied to terminated RF1/RF2
24
dBm
Hot Switching
RF signal is present at the RFC while switching
between RF1 and RF2
24
dBm
Case Temperature
TCASE
−40
+105
°C
1 Impendence matching on RF transmission lines improves high frequency performance. Refer to the Applications Information section for more information.
2 For input linearity performance vs. frequency, see Figure 11 and Figure 13.
3 For power derating vs. frequency, see Figure 2 and Figure 3. This power derating is applicable for insertion loss path, isolation path, and hot switching power
specifications.
4 For 105°C operation, the power handling degrades from the TCASE = 85°C specification by 3 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com