Electronic Components Datasheet Search
  English  ▼

X  

ADRF5026 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5026
Description  Silicon SPDT Switch, Nonreflective,100 MHz to 44 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5026 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5026 Datasheet HTML 1Page - Analog Devices ADRF5026 Datasheet HTML 2Page - Analog Devices ADRF5026 Datasheet HTML 3Page - Analog Devices ADRF5026 Datasheet HTML 4Page - Analog Devices ADRF5026 Datasheet HTML 5Page - Analog Devices ADRF5026 Datasheet HTML 6Page - Analog Devices ADRF5026 Datasheet HTML 7Page - Analog Devices ADRF5026 Datasheet HTML 8Page - Analog Devices ADRF5026 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Silicon SPDT Switch, Nonreflective,
100 MHz to 44 GHz
Data Sheet
ADRF5026
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2018–2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Ultrawideband frequency range: 100 MHz to 44 GHz
Nonreflective design
Low insertion loss
1.2 dB to 18 GHz
1.7 dB to 26 GHz
2.4 dB to 40 GHz
3.8 dB to 44 GHz
High isolation
55 dB to 18 GHz
53 dB to 26 GHz
50 dB to 40 GHz
45 dB to 44 GHz
High input linearity
P1dB: 27 dBm typical
IP3: 53 dBm typical
High power handling
24 dBm insertion loss path
24 dBm isolation path
All off state control
No low frequency spurious signals
0.1 dB RF settling time: 40 ns typical
20-terminal, 3 mm × 3 mm LGA package
Pin compatible with ADRF5027, low frequency cutoff version
APPLICATIONS
Industrial scanners
Test and instrumentation
Cellular infrastructure: 5G mmWave
Military radios, radars, electronic counter measures (ECMs)
Microwave radios and very small aperture terminals (VSATs)
FUNCTIONAL BLOCK DIAGRAM
GND
GND
DRIVER
RFC
GND
GND
VSS
EN
GND
CTRL
VDD
1
2
3
4
5
11
12
13
15
14
50Ω
50Ω
Figure 1.
GENERAL DESCRIPTION
The ADRF5026 is a nonreflective, single-pole, double-throw
(SPDT) radio frequency (RF) switch manufactured in a silicon
process.
The ADRF5026 operates from 100 MHz to 44 GHz with better
than 3.8 dB of insertion loss and 45 dB of isolation. The ADRF5026
features an all off control, where both RF ports are in an isolation
state. The ADRF5026 has a nonreflective design and both of the
RF ports are internally terminated to 50 Ω.
The ADRF5026 requires a dual-supply voltage of +3.3 V and
−3.3 V. The device employs complimentary metal-oxide
semiconductor/low-voltage transistor-transistor logic
(CMOS/LVTTL) logic-compatible controls.
The ADRF5026 is pin-compatible with the ADRF5027 low
frequency cutoff version, which operates from 9 kHz to 44 GHz.
The ADRF5026 RF ports are designed to match a characteristic
impedance of 50 Ω. For ultrawideband products, impedance
matching on the RF transmission lines can further optimize
high frequency insertion loss and return loss characteristics.
Refer to the Narrow-Band Impedance Matching section for an
example of a matched circuit that achieves a flat insertion loss
response of 2.4 dB from 28 GHz to 43 GHz.
The ADRF5026 comes in a 20-terminal, 3 mm × 3 mm, RoHS-
compliant, land grid array (LGA) package and can operate
from −40°C to +105°C.


Similar Part No. - ADRF5026

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5020 AD-ADRF5020 Datasheet
341Kb / 12P
Microwave radios and very small aperture terminals
Rev. A
ADRF5020-EVALZ AD-ADRF5020-EVALZ Datasheet
341Kb / 12P
Microwave radios and very small aperture terminals
Rev. A
ADRF5020BCCZN AD-ADRF5020BCCZN Datasheet
341Kb / 12P
Microwave radios and very small aperture terminals
Rev. A
ADRF5020BCCZN-R7 AD-ADRF5020BCCZN-R7 Datasheet
341Kb / 12P
Microwave radios and very small aperture terminals
Rev. A
ADRF5021 AD-ADRF5021 Datasheet
356Kb / 12P
Silicon SPDT Switch
Rev. A
More results

Similar Description - ADRF5026

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5042 AD-ADRF5042 Datasheet
562Kb / 12P
Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
ADRF5043 AD-ADRF5043 Datasheet
487Kb / 12P
Nonreflective, 9 kHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
ADRF5019 AD-ADRF5019 Datasheet
338Kb / 12P
Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
8/2019-Revision 0
ADRF5024 AD-ADRF5024 Datasheet
432Kb / 13P
Silicon SPDT Switch, Reflective, 100 MHz to 44 GHz
8/2020-Rev. B to Rev. C
HMC349ALP4CE AD-HMC349ALP4CE Datasheet
391Kb / 12P
High Isolation, Nonreflective, GaAs, SPDT Switch, 100 MHz to 4 GHz
1/2019-v02.0315 to Rev. B
HMC349AMS8G AD-HMC349AMS8G Datasheet
750Kb / 10P
High Isolation, Nonreflective, GaAs, SPDT Switch,100 MHz to 4 GHz
10/2019-Rev. E to Rev. F
ADRF5050 AD-ADRF5050 Datasheet
1Mb / 14P
Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
Rev. 0
HMC232A AD-HMC232A Datasheet
1Mb / 12P
GaAs, SPDT Switch, Nonreflective,100 MHz to 12 GHz
Rev. B
ADRF5022 AD-ADRF5022 Datasheet
711Kb / 12P
Silicon SPDT Switch, Nonreflective, 100 MHz to 45 GHz
Rev. 0
ADRF5048 AD-ADRF5048 Datasheet
1Mb / 13P
Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com