Electronic Components Datasheet Search
  English  ▼

X  

ADRF5026 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5026
Description  Silicon SPDT Switch, Nonreflective,100 MHz to 44 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5026 Datasheet(HTML) 3 Page - Analog Devices

  ADRF5026 Datasheet HTML 1Page - Analog Devices ADRF5026 Datasheet HTML 2Page - Analog Devices ADRF5026 Datasheet HTML 3Page - Analog Devices ADRF5026 Datasheet HTML 4Page - Analog Devices ADRF5026 Datasheet HTML 5Page - Analog Devices ADRF5026 Datasheet HTML 6Page - Analog Devices ADRF5026 Datasheet HTML 7Page - Analog Devices ADRF5026 Datasheet HTML 8Page - Analog Devices ADRF5026 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Data Sheet
ADRF5026
Rev. A | Page 3 of 13
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
VDD = 3.3 V, VSS = −3.3 V, VCTRL/VEN = 0 V or VDD, and TCASE = 25°C in a 50 Ω system, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
100
44,000
MHz
INSERTION LOSS
IL
Between RFC and RF1/RF2
100 MHz to 18 GHz
1.2
dB
18 GHz to 26 GHz
1.7
dB
26 GHz to 35 GHz
2.2
dB
35 GHz to 40 GHz
2.4
dB
40 GHz to 44 GHz1
3.8
dB
RETURN LOSS
RL
RFC and RF1/RF2 (On)
100 MHz to 18 GHz
22
dB
18 GHz to 26 GHz
12
dB
26 GHz to 35 GHz
9
dB
35 GHz to 40 GHz
10
dB
40 GHz to 44 GHz1
7
dB
RF1/RF2 (Off)
100 MHz to 18 GHz
23
dB
18 GHz to 26 GHz
23
dB
26 GHz to 35 GHz
21
dB
35 GHz to 40 GHz
13
dB
40 GHz to 44 GHz1
12
dB
ISOLATION
Between RFC and RF1/RF2
100 MHz to 18 GHz
55
dB
18 GHz to 26 GHz
53
dB
26 GHz to 35 GHz
53
dB
35 GHz to 40 GHz
50
dB
40 GHz to 44 GHz
45
dB
Between RF1 and RF2
100 MHz to 18 GHz
63
dB
18 GHz to 26 GHz
60
dB
26 GHz to 35 GHz
60
dB
35 GHz to 40 GHz
63
dB
40 GHz to 44 GHz
55
dB
SWITCHING CHARACTERISTICS
Rise and Fall Time
tRISE, tFALL
10% to 90% of RF output
3
ns
On and Off Time
tON, tOFF
50% of triggered VCTRL to 90% of RF output
14
ns
RF Settling Time
0.1 dB
50% of triggered VCTRL to 0.1 dB of final RF output
40
ns
0.05 dB
50% of triggered VCTRL to 0.05 dB of final RF output
45
ns
INPUT LINEARITY2
100 MHz to 40 GHz
1 dB Compression
P1dB
27
dBm
Third-Order Intercept
IP3
Two-tone input power = 12 dBm each tone,
Δf = 1 MHz
53
dBm
SUPPLY CURRENT
VDD and VSS pins
Positive
IDD
2
μA
Negative
ISS
100
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com