Electronic Components Datasheet Search
  English  ▼

X  

ADRF5026 Datasheet(PDF) 9 Page - Analog Devices

Part # ADRF5026
Description  Silicon SPDT Switch, Nonreflective,100 MHz to 44 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5026 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADRF5026 Datasheet HTML 5Page - Analog Devices ADRF5026 Datasheet HTML 6Page - Analog Devices ADRF5026 Datasheet HTML 7Page - Analog Devices ADRF5026 Datasheet HTML 8Page - Analog Devices ADRF5026 Datasheet HTML 9Page - Analog Devices ADRF5026 Datasheet HTML 10Page - Analog Devices ADRF5026 Datasheet HTML 11Page - Analog Devices ADRF5026 Datasheet HTML 12Page - Analog Devices ADRF5026 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Data Sheet
ADRF5026
Rev. A | Page 9 of 13
THEORY OF OPERATION
The ADRF5026 requires a positive supply voltage applied to the
VDD pin and a negative supply voltage applied to the VSS pin.
Bypassing capacitors are recommended on the supply lines to
filter high frequency noise.
All of the RF ports (RFC, RF1, and RF2) are dc-coupled to 0 V,
and no dc blocking capacitors are required at the RF ports
when the RF potential is equal to 0 V.
The RF ports are internally matched to 50 Ω. Therefore,
external matching networks are not required. Impedance
matching on the RF transmission lines can improve insertion
loss and return loss performance at high frequencies.
The ADRF5026 integrates a driver to perform logic function
internally and to provide the advantage of a simplified control
interface. The driver features two digital control input pins,
CTRL and EN. When the EN pin is logic low, the logic level
applied to the CTRL pin determines which RF port is in
insertion loss state and which RF port is in isolation state.
The ADRF5026 supports an all off state control. When the EN
pin is logic high, both the RF1 to RFC path and the RF2 to RFC
path are in an isolation state, regardless of the logic state of the
CTRL pin. The RF1 and RF2 ports are terminated to internal
50 Ω resistors, and the RFC port becomes open reflective (see
Table 5).
The ADRF5026 design is bidirectional with equal power
handling capabilities. An RF input signal (RFIN) can be applied
to the RFC port or the RF1 or RF2 port. The isolation path
provides high loss between the unselected RFx port and the
insertion loss path.
The ideal power-up sequence is as follows:
1.
Connect GND.
2.
Power up VDD and VSS. Power up VSS after VDD to
avoid current transients on VDD during ramp-up.
3.
Apply the digital control inputs. The relative order of the
digital control inputs is not important. However, powering
the digital control inputs before the VDD supply may
inadvertantly forward bias and damage the internal ESD
protection structures. To avoid this damage, use a series
1 kΩ resistor to limit the current flowing in to the control
pin. Use pull-up or pull-down resistors if the controller
output is in a high impedance state after VDD is powered
up and the control pins are not driven to a valid logic state.
4.
Apply an RF input signal to RFC, RF1, or RF2.
The ideal power-down sequence is the reverse order of the
power-up sequence.
Table 5. Control Voltage Truth Table
Digital Control Input
RF Paths
EN
CTRL
RF1 to RFC
RF2 to RFC
Low
Low
Isolation (off)
Insertion loss (on)
Low
High
Insertion loss (on)
Isolation (off)
High
Low
Isolation (off)
Isolation (off)
High
High
Isolation (off)
Isolation (off)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com