Electronic Components Datasheet Search
  English  ▼

X  

MPS6521 Datasheet(PDF) 8 Page - ON Semiconductor

Part # MPS6521
Description  Amplifier Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS6521 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MPS6521 Datasheet HTML 4Page - ON Semiconductor MPS6521 Datasheet HTML 5Page - ON Semiconductor MPS6521 Datasheet HTML 6Page - ON Semiconductor MPS6521 Datasheet HTML 7Page - ON Semiconductor MPS6521 Datasheet HTML 8Page - ON Semiconductor MPS6521 Datasheet HTML 9Page - ON Semiconductor MPS6521 Datasheet HTML 10Page - ON Semiconductor MPS6521 Datasheet HTML 11Page - ON Semiconductor MPS6521 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
NPN MPS6521 PNP MPS6523
8
Motorola Small–Signal Transistors, FETs and Diodes Device Data
PNP
MPS6523
TYPICAL NOISE CHARACTERISTICS
(VCE = –5.0 Vdc, TA = 25°C)
Figure 21. Noise Voltage
f, FREQUENCY (Hz)
5.0
7.0
10
3.0
Figure 22. Noise Current
f, FREQUENCY (Hz)
1.0
10
20
50
100
200
500
1.0 k
2.0 k
5.0 k
10 k
1.0
7.0
5.0
3.0
2.0
1.0
0.7
0.5
0.3
0.1
BANDWIDTH = 1.0 Hz
RS ≈ 0
IC = 10 µA
100
µA
30
µA
BANDWIDTH = 1.0 Hz
RS ≈∞
IC = 1.0 mA
300
µA
100
µA
30
µA
10
µA
10
20
50
100
200
500
1.0 k 2.0 k
5.0 k
10 k
2.0
1.0 mA
0.2
300
µA
NOISE FIGURE CONTOURS
(VCE = –5.0 Vdc, TA = 25°C)
500 k
100
200
500
1.0 k
10 k
5.0 k
20 k
50 k
100 k
200 k
2.0 k
1.0 M
500 k
100
200
500
1.0 k
10 k
5.0 k
20 k
50 k
100 k
200 k
2.0 k
1.0 M
Figure 23. Narrow Band, 100 Hz
IC, COLLECTOR CURRENT (µA)
Figure 24. Narrow Band, 1.0 kHz
IC, COLLECTOR CURRENT (µA)
10
0.5 dB
BANDWIDTH = 1.0 Hz
Figure 25. Wideband
IC, COLLECTOR CURRENT (µA)
10
10 Hz to 15.7 kHz
Noise Figure is Defined as:
NF
+ 20 log10
en2 ) 4KTRS ) In
2RS2
4KTRS
1 2
= Noise Voltage of the Transistor referred to the input. (Figure 3)
= Noise Current of the Transistor referred to the input. (Figure 4)
= Boltzman’s Constant (1.38 x 10–23 j/
°K)
= Temperature of the Source Resistance (
°K)
= Source Resistance (Ohms)
en
In
K
T
RS
1.0 dB
2.0 dB
3.0 dB
20
30
50 70 100
200 300
500 700 1.0 k
10
20
30
50 70 100
200 300
500 700 1.0 k
500 k
100
200
500
1.0 k
10 k
5.0 k
20 k
50 k
100 k
200 k
2.0 k
1.0 M
20
30
50
70
100
200 300
500 700 1.0 k
BANDWIDTH = 1.0 Hz
5.0 dB
0.5 dB
1.0 dB
2.0 dB
3.0 dB
5.0 dB
0.5 dB
1.0 dB
2.0 dB
3.0 dB
5.0 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com