Electronic Components Datasheet Search
  English  ▼

X  

MPS6521 Datasheet(PDF) 11 Page - ON Semiconductor

Part # MPS6521
Description  Amplifier Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS6521 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button MPS6521 Datasheet HTML 4Page - ON Semiconductor MPS6521 Datasheet HTML 5Page - ON Semiconductor MPS6521 Datasheet HTML 6Page - ON Semiconductor MPS6521 Datasheet HTML 7Page - ON Semiconductor MPS6521 Datasheet HTML 8Page - ON Semiconductor MPS6521 Datasheet HTML 9Page - ON Semiconductor MPS6521 Datasheet HTML 10Page - ON Semiconductor MPS6521 Datasheet HTML 11Page - ON Semiconductor MPS6521 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
NPN MPS6521 PNP MPS6523
11
Motorola Small–Signal Transistors, FETs and Diodes Device Data
PNP
MPS6523
TYPICAL DYNAMIC CHARACTERISTICS
Figure 37. Thermal Response
t, TIME (ms)
1.0
0.01
0.01
0.02
0.03
0.05
0.07
0.1
0.2
0.3
0.5
0.7
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
500
1.0 k 2.0 k
5.0 k 10 k
20 k
50 k 100 k
D = 0.5
0.2
0.1
0.05
0.02
0.01
SINGLE PULSE
DUTY CYCLE, D = t1/t2
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1 (SEE AN–569)
Z
θJA(t) = r(t) • RθJA
TJ(pk) – TA = P(pk) Z
θJA(t)
t1
t2
P(pk)
FIGURE 19
Figure 38. Active–Region Safe Operating Area
TJ, JUNCTION TEMPERATURE (°C)
104
–4
0
Figure 39. Typical Collector Leakage Current
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
400
2.0
DESIGN NOTE: USE OF THERMAL RESPONSE DATA
A train of periodical power pulses can be represented by the model
as shown in Figure 19. Using the model and the device thermal
response the normalized effective transient thermal resistance of
Figure 17 was calculated for various duty cycles.
To find Z
θJA(t), multiply the value obtained from Figure 17 by the
steady state value R
θJA.
Example:
The MPS6523 is dissipating 2.0 watts peak under the following
conditions:
t1 = 1.0 ms, t2 = 5.0 ms (D = 0.2)
Using Figure 17 at a pulse width of 1.0 ms and D = 0.2, the reading of
r(t) is 0.22.
The peak rise in junction temperature is therefore
∆T = r(t) x P(pk) x RθJA = 0.22 x 2.0 x 200 = 88°C.
For more information, see AN–569.
The safe operating area curves indicate IC–VCE limits of the
transistor that must be observed for reliable operation. Collector load
lines for specific circuits must fall below the limits indicated by the
applicable curve.
The data of Figure 18 is based upon TJ(pk) = 150°C; TC or TA is
variable depending upon conditions. Pulse curves are valid for duty
cycles to 10% provided TJ(pk) ≤ 150°C. TJ(pk) may be calculated from
the data in Figure 17. At high case or ambient temperatures, thermal
limitations will reduce the power than can be handled to values less
than the limitations imposed by second breakdown.
10–2
10–1
100
101
102
103
–2
0
0
+ 20
+ 40
+ 60
+ 80 + 100 + 120 + 140 + 160
VCC = 30 V
ICEO
ICBO
AND
ICEX @ VBE(off) = 3.0 V
TA = 25°C
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
1.0 ms
10
µs
TC = 25°C
1.0 s
dc
dc
4.0
6.0
10
20
40
60
100
200
4.0
6.0
8.0 10
20
40
TJ = 150°C
100
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com