Electronic Components Datasheet Search
  English  ▼

X  

MPS6521 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MPS6521
Description  Amplifier Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS6521 Datasheet(HTML) 1 Page - ON Semiconductor

  MPS6521 Datasheet HTML 1Page - ON Semiconductor MPS6521 Datasheet HTML 2Page - ON Semiconductor MPS6521 Datasheet HTML 3Page - ON Semiconductor MPS6521 Datasheet HTML 4Page - ON Semiconductor MPS6521 Datasheet HTML 5Page - ON Semiconductor MPS6521 Datasheet HTML 6Page - ON Semiconductor MPS6521 Datasheet HTML 7Page - ON Semiconductor MPS6521 Datasheet HTML 8Page - ON Semiconductor MPS6521 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Amplifier Transistors
MAXIMUM RATINGS
Rating
Symbol
NPN
PNP
Unit
Collector – Emitter Voltage
MPS6521
MPS6523
VCEO
25
—
—
25
Vdc
Collector – Base Voltage
MPS6521
MPS6523
VCBO
40
—
—
25
Vdc
Emitter – Base Voltage
VEBO
4.0
Vdc
Collector Current — Continuous
IC
100
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1.5
12
Watts
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
(Printed Circuit Board Mounting)
RqJA
200
°C/W
Thermal Resistance, Junction to Case
RqJC
83.3
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage
(IC = 0.5 mAdc, IB = 0)
V(BR)CEO
25
—
Vdc
Emitter – Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
4.0
—
Vdc
Collector Cutoff Current
(VCB = 30 Vdc, IE = 0)
MPS6521
(VCB = 20 Vdc, IE = 0)
MPS6523
ICBO
—
—
0.05
0.05
mAdc
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MPS6521/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
NPN
MPS6521
PNP
MPS6523
*Motorola Preferred Device
CASE 29–04, STYLE 1
TO–92 (TO–226AA)
1
2
3
*
Voltage and current are negative
for PNP transistors
© Motorola, Inc. 1997
COLLECTOR 3
2
BASE
1 EMITTER
COLLECTOR 3
2
BASE
1 EMITTER
(Replaces MPS6520/D)


Similar Part No. - MPS6521

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPS6521 MOTOROLA-MPS6521 Datasheet
791Kb / 12P
Amplifier Transistors
MPS6521 MOTOROLA-MPS6521 Datasheet
551Kb / 12P
Amplifier Transistors
logo
Samsung semiconductor
MPS6521 SAMSUNG-MPS6521 Datasheet
29Kb / 1P
NPN (AMPLIFIER TRANSISTOR)
logo
Micro Electronics
MPS6521 MICRO-ELECTRONICS-MPS6521 Datasheet
159Kb / 2P
COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
MPS6521 ONSEMI-MPS6521 Datasheet
166Kb / 11P
Amplifier Transistors
March, 2006 ??Rev. 3
More results

Similar Description - MPS6521

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
Amplifier Transistors
May, 2004 ??Rev. 4
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
Amplifier Transistors
May, 2004 ??Rev. 4
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
Amplifier Transistors
May, 2005 ??Rev. 2
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
Amplifier Transistors
December, 2008 ??Rev. 1
BC327-25G ONSEMI-BC327-25G Datasheet
108Kb / 5P
Amplifier Transistors
September, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com