Electronic Components Datasheet Search
  English  ▼

X  

MPS6521 Datasheet(PDF) 10 Page - ON Semiconductor

Part # MPS6521
Description  Amplifier Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS6521 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MPS6521 Datasheet HTML 4Page - ON Semiconductor MPS6521 Datasheet HTML 5Page - ON Semiconductor MPS6521 Datasheet HTML 6Page - ON Semiconductor MPS6521 Datasheet HTML 7Page - ON Semiconductor MPS6521 Datasheet HTML 8Page - ON Semiconductor MPS6521 Datasheet HTML 9Page - ON Semiconductor MPS6521 Datasheet HTML 10Page - ON Semiconductor MPS6521 Datasheet HTML 11Page - ON Semiconductor MPS6521 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
NPN MPS6521 PNP MPS6523
10
Motorola Small–Signal Transistors, FETs and Diodes Device Data
PNP
MPS6523
TYPICAL DYNAMIC CHARACTERISTICS
Figure 31. Turn–On Time
IC, COLLECTOR CURRENT (mA)
500
Figure 32. Turn–Off Time
IC, COLLECTOR CURRENT (mA)
2.0
5.0
10
20
30
50
1000
Figure 33. Current–Gain — Bandwidth Product
IC, COLLECTOR CURRENT (mA)
Figure 34. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
Figure 35. Input Impedance
IC, COLLECTOR CURRENT (mA)
Figure 36. Output Admittance
IC, COLLECTOR CURRENT (mA)
3.0
1.0
500
0.5
10
5.0
7.0
10
20
30
50
70
100
300
7.0
70
100
VCC = 3.0 V
IC/IB = 10
TJ = 25°C
td @ VBE(off) = 0.5 V
tr
10
20
30
50
70
100
200
300
500
700
– 2.0
–1.0
VCC = – 3.0 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
ts
tf
50
70
100
200
300
0.7 1.0
2.0
3.0
5.0 7.0
10
20
30
50
TJ = 25°C
VCE = 20 V
5.0 V
1.0
2.0
3.0
5.0
7.0
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
0.05
Cib
Cob
2.0
5.0
10
20
50
1.0
0.2
100
0.3
0.5
0.7
1.0
2.0
3.0
5.0
7.0
10
20
0.1
0.2
0.5
MPS6523
hfe ≈ 100
@ IC = –1.0 mA
VCE = –10 Vdc
f = 1.0 kHz
TA = 25°C
2.0
5.0
10
20
50
1.0
2.0
100
3.0
5.0
7.0
10
20
30
50
70
100
200
0.1
0.2
0.5
VCE = 10 Vdc
f = 1.0 kHz
TA = 25°C
200
– 3.0
– 5.0 – 7.0
– 20
–10
– 30
– 50 – 70 –100
TJ = 25°C
MPS6521
hfe ≈ 200
@ IC = –1.0 mA
MPS6523
hfe ≈ 100
@ IC = 1.0 mA
MPS6521
hfe ≈ 200
@ IC = 1.0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com