Electronic Components Datasheet Search
  English  ▼

X  

SM9D Datasheet(PDF) 2 Page - Silicon Microstructures, Inc.

Part # SM9D
Description  Uncompensated SO-16 Pressure Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMI [Silicon Microstructures, Inc.]
Direct Link  https://www.si-micro.com/
Logo SMI - Silicon Microstructures, Inc.

SM9D Datasheet(HTML) 2 Page - Silicon Microstructures, Inc.

  SM9D Datasheet HTML 1Page - Silicon Microstructures, Inc. SM9D Datasheet HTML 2Page - Silicon Microstructures, Inc. SM9D Datasheet HTML 3Page - Silicon Microstructures, Inc. SM9D Datasheet HTML 4Page - Silicon Microstructures, Inc. SM9D Datasheet HTML 5Page - Silicon Microstructures, Inc. SM9D Datasheet HTML 6Page - Silicon Microstructures, Inc. SM9D Datasheet HTML 7Page - Silicon Microstructures, Inc. SM9D Datasheet HTML 8Page - Silicon Microstructures, Inc. SM9D Datasheet HTML 9Page - Silicon Microstructures, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
+1-(408) 577-0100 | sales@si-micro.com I www.si-micro.com
27
45
131
167
170
175
169
0
61
DOC # 40DS9509.04
Silicon Microstructures, Inc. 2001-2018. All rights reserved
SM9G, SM9D Series
www.si-micro.com
ABSOLUTE MAXIMUM RATING TABLE
All parameters are specified at VDD = 5.00 V DC SUPPLY at 25oC, unless otherwise noted.
No.
Characteristic
Symbol
Minimum
Typical
Maximum
Units
1
Supply Voltage(a, c)
VDD
-
-
6.5
V
2
Supply Current(a, c)
IVDD
-
-
1.6
mA
3
Operating Temperature Range(b)
TOP
-40
-
+85
°C
4
Storage Temperature(b)
TSTG
-40
-
+125
°C
5
ESD Voltage (HBM)
VESD
4
-
-
kV
No.
Product Number
Operating Pressure
Proof Pressure
(PPROOF) (d, e)
Burst Pressure
(PBURST) (d, f)
6
SM9X-BXX-X-001S-000
0.15 PSI
1.5 PSI
3.0 PSI
8
SM9X-BXX-X-006S-000
0.6 PSI
4.8 PSI
6.0 PSI
9
SM9X-BXX-X-015S-000
1.5 PSI
12.0 PSI
15.0 PSI
NOTES:
a. The device can only be driven with the supply voltage connected to the pins as shown. The positive output will increase with increasing
pressure applied to the package.
b. Tested on a sample basis.
c. Never exceed 6.5 V supply voltage under any operating conditions.
NOTES:
d. Tested on a sample basis.
e. Proof pressure is defined as the maximum pressure to which the device can be taken and still perform within specifications after returning to
the operating pressure range.
f. Burst pressure is the pressure at which the device suffers catastrophic failure resulting in pressure loss through the device.
Page 2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com