Electronic Components Datasheet Search
  English  ▼

X  

SM9D Datasheet(PDF) 7 Page - Silicon Microstructures, Inc.

Part # SM9D
Description  Uncompensated SO-16 Pressure Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMI [Silicon Microstructures, Inc.]
Direct Link  https://www.si-micro.com/
Logo SMI - Silicon Microstructures, Inc.

SM9D Datasheet(HTML) 7 Page - Silicon Microstructures, Inc.

  SM9D Datasheet HTML 1Page - Silicon Microstructures, Inc. SM9D Datasheet HTML 2Page - Silicon Microstructures, Inc. SM9D Datasheet HTML 3Page - Silicon Microstructures, Inc. SM9D Datasheet HTML 4Page - Silicon Microstructures, Inc. SM9D Datasheet HTML 5Page - Silicon Microstructures, Inc. SM9D Datasheet HTML 6Page - Silicon Microstructures, Inc. SM9D Datasheet HTML 7Page - Silicon Microstructures, Inc. SM9D Datasheet HTML 8Page - Silicon Microstructures, Inc. SM9D Datasheet HTML 9Page - Silicon Microstructures, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
+1-(408) 577-0100 | sales@si-micro.com I www.si-micro.com
27
45
131
167
170
175
169
0
61
DOC # 40DS9509.04
Silicon Microstructures, Inc. 2001-2018. All rights reserved
SM9G, SM9D Series
www.si-micro.com
Typical Operation
PIN
Description
Type
Value
3
+Vexc/Vsub
Power
Up to 5 V
5
-Sig
Analog Out
-
13
-Vexc
Power
Ground
14
+Sig
Analog Out
-
SM9D Package Pin-Out (Dual Horizontal & Dual Vertical)
NOTES:
•
Do not connect to NC pins
•
Applies dual ported vertical and horizontal packages
•
Positive pressure applied to the topside of the die [T] is resulting in a positive change in output.
Typical Operation
PIN
Description
Type
Value
3
+Vexc/Vsub
Power
Up to 5 V
5
+Sig
Analog Out
-
13
-Vexc
Power
Ground
14
-Sig
Analog Out
-
SM9G Package Pin-Out (Single Vertical)
NOTES:
•
Do not connect to NC pins
•
Applies to single ported vertical package
•
Positive pressure applied to the port results in a positive change in output. Pressure is applied to the backside of the die.
Page 7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com