Electronic Components Datasheet Search
  English  ▼

X  

RF433MHZ Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RF433MHZ
Description  Smart monitoring information system based on RF 433 Mhz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RF433MHZ Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RF433MHZ Datasheet HTML 1Page - List of Unclassifed Manufacturers RF433MHZ Datasheet HTML 2Page - List of Unclassifed Manufacturers RF433MHZ Datasheet HTML 3Page - List of Unclassifed Manufacturers RF433MHZ Datasheet HTML 4Page - List of Unclassifed Manufacturers RF433MHZ Datasheet HTML 5Page - List of Unclassifed Manufacturers RF433MHZ Datasheet HTML 6Page - List of Unclassifed Manufacturers RF433MHZ Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
International Journal of Electrical and Computer Engineering (IJECE)
Vol. 9, No. 6, December 2019, pp. 5143~5149
ISSN: 2088-8708, DOI: 10.11591/ijece.v9i6.pp5143-5149
5143
Journal homepage: http://iaescore.com/journals/index.php/IJECE
Smart monitoring information system
based on RF 433 Mhz (SMIS)
Hicham Ouldzira
1, Ahmed Mouhsen2,Hajar Lagraini3, Abdelmoumen Tabyaoui4,Mostafa Chhiba5
1,2Laboratory of Mechanical, Engineering, Industrial Management and Innovation,
The Faculty of Sciences and Technology, Hassan 1st University, Morocco
3,4,5Radiation Materials and Instrumentations Laboratory, The Faculty of Sciences and Technology,
Hassan 1st University, Morocco
Article Info
ABSTRACT
Article history:
Received Apr 4, 2019
Revised Jul 18, 2016
Accepted Jul 26, 2016
Many research works are devoted to the design of remote control systems of
objects. Remote monitoring is among the technologies of data acquisition on
a remote object and its characteristics without physical contact with it.
These data can be collected by acoustic waves, the distribution of forces and
electromagnetic energy to process them to locate the object and its
characteristics. This paper presents a smart monitoring information system
based on RF 433MHz, Arduinonano and arduinouno named SMIS.
Keywords:
Arduino nano and UNO
IoT
Remote monitoring
RF433MHZ
WSN
Copyright © 2019 Institute of Advanced Engineering and Science.
All rights reserved.
Corresponding Author:
Hicham Ouldzira,
Laboratory of Mechanical, Engineering,
Industrial Management and Innovation,
The Faculty of Sciences and Technology,
Hassan 1st University,
PO Box 577, Settat, Morocco.
Email: odzira@yahoo.fr
1.
INTRODUCTION
The progressive development of the Internet of Things (IoT) [1] provides a smart environment that
helps people in their daily lives. Deployment of dense and interconnected wireless sensor networks (WSNs)
is critical to IoT implementation [2]. Object monitoring based primarily on wireless sensor networks [3].
Currently, its value has increased significantly in different areas, mainly in the control of rare and expensive
items. Wireless communication [4] is a transfer of information over a distance wirelessly . This distance can
be short [5] (a few meters) or long (thousands or millions of kilometers for radio communications). There are
different technologies that are used in wireless communications and subsequently object monitoring, such as
GSM [6], Wi-Fi [7], Bluetooth [8], ZigBee [9], 6loWPAN [10], etc.The monitoring system studied
essentially requires basic modules, such as microcontroller, RF modules, and GSM module.
To implement the object in a monitoring field, it is necessary to identify the range between
the transmitter and the receiver RF433MHZ, so that a function between the length of the antenna
RF433MHZ and this distance is required. We will then attach a remote monitoring system to the object to
control it in real time [11]. This system is based on an Arduino Nano, an RF433MHZ module, a GSM
module and a BUZZER module. The rest of this paper is organized as follows:


Similar Part No. - RF433MHZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RF430CL330H TI1-RF430CL330H Datasheet
438Kb / 33P
DYNAMIC NFC INTERFACE TRANSPONDER
RF430CL330H-Q1 TI1-RF430CL330H-Q1 Datasheet
776Kb / 45P
Automotive Dynamic NFC Interface Transponder
RF430CL330HCPWR TI1-RF430CL330HCPWR Datasheet
438Kb / 33P
DYNAMIC NFC INTERFACE TRANSPONDER
RF430CL330HCPWR TI1-RF430CL330HCPWR Datasheet
906Kb / 47P
Dynamic NFC Interface Transponder
RF430CL330HIRGTR TI1-RF430CL330HIRGTR Datasheet
906Kb / 47P
Dynamic NFC Interface Transponder
More results

Similar Description - RF433MHZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF4400 TI-TRF4400 Datasheet
277Kb / 21P
SINGLE-CHIP 433-MHz RF TRANSMITTER
logo
STMicroelectronics
STEVAL-IKR001V3 STMICROELECTRONICS-STEVAL-IKR001V3 Datasheet
242Kb / 4P
Sub-GHz transceiver development kit based on the SPIRIT1 (433 MHz band)
02-Aug-2012
STEVAL-ISB012V1 STMICROELECTRONICS-STEVAL-ISB012V1 Datasheet
903Kb / 6P
Battery monitoring system demonstration board based on the STC3105
23-Nov-2011
logo
Semtech Corporation
DP1203F SEMTECH-DP1203F Datasheet
395Kb / 13P
433/868/915 MHz RF Modules
logo
Balluff Korea Ltd.
BES05Y7 BALLUFF-BES05Y7 Datasheet
117Kb / 2P
Smart Automation and Monitoring System Inductive Sensors
BIS01E2 BALLUFF-BIS01E2 Datasheet
124Kb / 2P
Smart Automation and Monitoring System
BIS01E5 BALLUFF-BIS01E5 Datasheet
118Kb / 2P
Smart Automation and Monitoring System
BIS01E6 BALLUFF-BIS01E6 Datasheet
119Kb / 2P
Smart Automation and Monitoring System
BIS01E7 BALLUFF-BIS01E7 Datasheet
120Kb / 2P
Smart Automation and Monitoring System
BES0601 BALLUFF-BES0601 Datasheet
118Kb / 2P
Smart Automation and Monitoring System Inductive Sensors
0.26_2022-06-02
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com