Electronic Components Datasheet Search
  English  ▼

X  

RF433MHZ Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RF433MHZ
Description  Smart monitoring information system based on RF 433 Mhz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RF433MHZ Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RF433MHZ Datasheet HTML 1Page - List of Unclassifed Manufacturers RF433MHZ Datasheet HTML 2Page - List of Unclassifed Manufacturers RF433MHZ Datasheet HTML 3Page - List of Unclassifed Manufacturers RF433MHZ Datasheet HTML 4Page - List of Unclassifed Manufacturers RF433MHZ Datasheet HTML 5Page - List of Unclassifed Manufacturers RF433MHZ Datasheet HTML 6Page - List of Unclassifed Manufacturers RF433MHZ Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Int J Elec & Comp Eng
ISSN: 2088-8708
Smart monitoring information system based on RF 433 Mhz (SMIS) (Hicham Ouldzira)
5145
The smart control system is effective due to the following advantages:
 It maintains a dynamic balance through self-configuration and self-organization.
 It is easy to set up and maintain.
 The control modules have been designed in standard sizes.
The controller and these modules constitute a WSAN.
(2)
Figure 1. The proposed remote monitoring system
4.
A WIRELESS SENSOR AND ACTUATOR NETWORK
Wireless communications namely Zigbee, Wi-Fi, Bluetooth and 433 MHz, have been widely used in
many applications recently. the following Table 1 gives a comparison between these wireless technologies in
terms of band operated, energy consumption, range, debit and battery life [19]:
Table 1. Comparison between these wireless technologies
Wireless Technologies
Band perated
Energy consumption
Transmission distance
Battery life
debit
Zigbee
2.4GHz
high
Small to medium
few days
<1Mbps
Wi-Fi
2.4GHz
high
Small to medium
few days
1->54Mbps
RF
433MHz
low
medium to large
up to 10 years
9.6Kbps
433 MHz wireless communication is available worldwide and an open source alternative. It is ideal
for wireless sensor network applications because it can transmit / receive over very long distances without
requiring high power consumption on a battery. The low input current of typical label configurations can
power button cell batteries or thin-film batteries up to 10 years.
Watt meter
Lights
Door
Power outlet
Temperature



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com