Electronic Components Datasheet Search
  English  ▼

X  

RF433MHZ Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RF433MHZ
Description  Smart monitoring information system based on RF 433 Mhz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RF433MHZ Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RF433MHZ Datasheet HTML 1Page - List of Unclassifed Manufacturers RF433MHZ Datasheet HTML 2Page - List of Unclassifed Manufacturers RF433MHZ Datasheet HTML 3Page - List of Unclassifed Manufacturers RF433MHZ Datasheet HTML 4Page - List of Unclassifed Manufacturers RF433MHZ Datasheet HTML 5Page - List of Unclassifed Manufacturers RF433MHZ Datasheet HTML 6Page - List of Unclassifed Manufacturers RF433MHZ Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Int J Elec & Comp Eng
ISSN: 2088-8708
Smart monitoring information system based on RF 433 Mhz (SMIS) (Hicham Ouldzira)
5147
The (1) is given by interpolation with the Newton method, and presents the following correlation
performance reaches 99.94%, the following table gives a summary of these performances:
Table 2. Goodness of fit
SSE
R-square
Adjusted R-square
RMSE
0.166
0.9994
0.9991
0.1052
Where SSE is Sum squared error performance function, R-square is the square of the correlation between the
response values and the predicted response values. It is also called the square of the multiple correlation
coefficient and the coefficient of multiple determination, RMSE (Root Mean Squared Error) is known as the
fit standard error and the standard error of the regression.
The measures that have been taken on a wire alloy copper 2mm diameter for the RF module
depending on the transmission distance.
Table 3. This table presents measurements of RF’s range and antenna’s length
Number of measurestaken
Antennalength(cm)
RF433MHz Range (m)
25
0,1
0,67
24
0,2
1
23
0,3
1,29
22
0,4
1,55
21
0,5
1,61
20
0,6
1,9
19
0,7
2,18
18
0,8
2,48
17
0,9
2,77
16
1
3,11
15
1,1
3,33
14
1,2
3,58
13
1,3
3,65
12
1,4
3,72
11
1,5
4,06
10
1,6
4,47
9
1,7
4,96
8
1,8
5,5
7
1,9
5,98
6
2
6,49
5
2,2
7,55
4
2,4
8,61
3
2,6
9,66
2
2,8
10,53
1
3
14,78
Figure 4. Communication range vs RF433MHZ antenna lentgh



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com