Electronic Components Datasheet Search
  English  ▼

X  

RF433MHZ Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RF433MHZ
Description  Smart monitoring information system based on RF 433 Mhz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RF433MHZ Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  RF433MHZ Datasheet HTML 1Page - List of Unclassifed Manufacturers RF433MHZ Datasheet HTML 2Page - List of Unclassifed Manufacturers RF433MHZ Datasheet HTML 3Page - List of Unclassifed Manufacturers RF433MHZ Datasheet HTML 4Page - List of Unclassifed Manufacturers RF433MHZ Datasheet HTML 5Page - List of Unclassifed Manufacturers RF433MHZ Datasheet HTML 6Page - List of Unclassifed Manufacturers RF433MHZ Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ISSN: 2088-8708
Int J Elec & Comp Eng, Vol. 9, No. 6, December 2019 : 5143 - 5149
5148
6.
DESIGN AND IMPLEMENTATION
To manage the monitored objects remotely in specific studied area (smart home, health care, smart
grid ...), it is necessary to develop a smart monitoring information system (SMIS), which can be run in
a management system or on the owner's computer. We designed and developed a SMIS with arduino, smart
sensors and RF433 MHZ technologies. The SMIS includes RF emitter, RF receiver, data gathering unit
(Arduino Uno) and controlled objects (attached to arduino Nano), transmission module (GSM).
SMIS operates in real time, at every 500ms the emitter starts the mission by sending a message
to the RF 433MHZ receiver, since the remotely monitored object is included in the monitored area.
If the receiver RF doesn’t get any messages from the emitter, the SMIS send an SMS to the object’s owner
over the GMS module and activates the buzzer to tell that the object is out of the monitored area.
(1)
(2)
(3)
Figure 5. (1),(2) and (3) are SMIS implementation
7.
CONCLUSION
The IoT-based object control system proposed in this document adopts the 433 MHz wireless sensor
and actuator network as a low layer, which facilitates remarkably reconfiguration and reorganization.
An object owner can implement its monitoring, control and management on site or remotely by a smart
terminal with GSM. Since the object control system combines a 433 MHz wireless sensor and actuator
communication network with the Internet, it can be used for power grid control, environmental monitoring,
or intelligent transportation without requiring major material modification.
Enhancing energy efficiency of the actuators can reduce energy costs and emissions.
After the construction of an object control system, an essential goal of the future is to manage all actuators
and optimize their operation. Our current mission is to study optimal control strategies for applications that
save energy in actuators.
ACKNOWLEDGEMENTS
The authors are very much thankful to the unanimous reviewers of the paper and editors of
the journal for their constructive and helpful comments that improved the quality of the paper.
REFERENCES
[1]
C. Kim, Y. Kim, and H. Jung, “IoT task management system using control board,” Indonesian Journal of Electrical
Engineering and Computer Science, vol. 13, no. 1, pp. 155, Jan. 2019.
[2]
T. Taris, H. Kraimia, D. Belot, and Y. Deval, “An FSK and OOK Compatible RF Demodulator for Wake Up
Receivers,” Journal of Low Power Electronics and Applications, vol. 5, no. 4, pp. 274–290, Nov. 2015.
[3]
Hicham Ouldzira et al, “MG-Leach: An Enhanced Leach protocol for Wireless Sensor Network,” International
Journal of Electrical and Computer Engineering (IJECE), vol. 9, no. 4, pp. 3139-3145, Aug 2019.
[4]
B. Zhou, X.-Y.Bai, D.-H.Wang, W.-D.Wu, Y.-P.Peng, and Y. Zhang, “Intelligent Monitoring System of Pu’er Tea
Warehouse Based on IoT,” in Proceedings of the International Conference on Information Technology and
Electrical Engineering 2018 - ICITEE ’18, Xiamen, Fujian, China, 2018, pp. 1–4.
[5]
H. OULDZIRA and al., “Remote monitoring of an object using a wireless sensor network based on NODEMCU
ESP8266,” Indonesian Journal of Electrical Engineering and Computer Science (IJEECS), Dec-2019.
[6]
R. He et al., “High-Speed Railway Communications: From GSM-R to LTE-R,” IEEE Vehicular Technology
Magazine, vol. 11, no. 3, pp. 49–58, Sep. 2016.
[7]
X. Wang, C. Yang, and S. Mao, “PhaseBeat: Exploiting CSI Phase Data for Vital Sign Monitoring with
Commodity WiFi Devices,” in 2017 IEEE 37th International Conference on Distributed Computing Systems
(ICDCS), Atlanta, GA, USA, 2017, pp. 1230–1239.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com