Electronic Components Datasheet Search
  English  ▼

X  

MPT612 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MPT612
Description  Maximum power point tracking IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPT612 Datasheet(HTML) 2 Page - NXP Semiconductors

  MPT612 Datasheet HTML 1Page - NXP Semiconductors MPT612 Datasheet HTML 2Page - NXP Semiconductors MPT612 Datasheet HTML 3Page - NXP Semiconductors MPT612 Datasheet HTML 4Page - NXP Semiconductors MPT612 Datasheet HTML 5Page - NXP Semiconductors MPT612 Datasheet HTML 6Page - NXP Semiconductors MPT612 Datasheet HTML 7Page - NXP Semiconductors MPT612 Datasheet HTML 8Page - NXP Semiconductors MPT612 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
NXP Semiconductors
MPT612
Maximum power point tracking IC
2.
Features and benefits
ARM7TDMI-S 32 bit RISC core operating at up to 70 MHz
128-bit wide interface and accelerator enabling 70 MHz operation
10-bit ADC providing
Eight analog inputs
Conversion times as low as 2.44 µs per channel and dedicated result registers
minimize interrupt overhead
Five analog inputs available for user specific applications
One 32-bit timer and external event counter with four capture and four compare
channels
One 16-bit timer and external event counter with three compare channels
Low power Real-Time Clock (RTC) with independent power supply and dedicated
32 kHz clock input
Serial interfaces including:
Two UARTs (16C550)
Two Fast I
2C-buses (400 kbit/s)
SPI and SSP with buffering and variable data length capabilities
Vectored interrupt controller with configurable priorities and vector addresses
Up to twenty eight (28), 5 V tolerant fast general purpose I/O pins
Up to 13 edge or level sensitive external interrupt pins available
Three levels of flash Code Read Protection (CRP)
70 MHz maximum clock available from programmable on-chip PLL with input
frequencies between 10 MHz and 25 MHz and a settling time of 100 ms
Integrated oscillator operates with an external crystal at between 1 MHz and 25 MHz
Power saving modes include:
Idle mode
Two Power-down modes; one with the RTC active and with the RTC deactivated
Individual enabling/disabling of peripheral functions and peripheral clock scaling for
additional power optimization
Processor wake-up from Power-down and Deep power-down mode using an external
interrupt or the RTC
3.
Applications
DC application charge controller for solar PV power and fuel-cells. The use cases are
Battery charging for home appliances such as lighting, DC fans, DC TV,DC motor
or any other DC appliance
Battery charging for public lighting and signaling - LED street lighting,
garden/driveway lighting, railway signaling, traffic signaling, remote telecom
terminals/towers etc
Battery charging for portable devices
DC-DC converter per panel to provide improved efficiency
Micro inverter per panel removes the need for one large system inverter
MPT612
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 14 September 2010
2 of 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com