Electronic Components Datasheet Search
  English  ▼

X  

MPT612 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # MPT612
Description  Maximum power point tracking IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPT612 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button MPT612 Datasheet HTML 8Page - NXP Semiconductors MPT612 Datasheet HTML 9Page - NXP Semiconductors MPT612 Datasheet HTML 10Page - NXP Semiconductors MPT612 Datasheet HTML 11Page - NXP Semiconductors MPT612 Datasheet HTML 12Page - NXP Semiconductors MPT612 Datasheet HTML 13Page - NXP Semiconductors MPT612 Datasheet HTML 14Page - NXP Semiconductors MPT612 Datasheet HTML 15Page - NXP Semiconductors MPT612 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
NXP Semiconductors
MPT612
Maximum power point tracking IC
• Separate control of output set and clear
• All I/O default to inputs after reset
7.8 10-bit ADC
The MPT612 contains one Analog-to-Digital Converter (ADC). It is a single 10-bit
successive approximation ADC with eight channels, three of which are used internally.
The ADC provides the following features:
• Measurement range from 0 V to 3.3 V
• The converter can perform more than 400 000 10-bit samples per second
• Burst conversion mode for single or multiple inputs
• Optional conversion on input pin transition or Timer Match signal
• Every analog input has a dedicated result register to reduce interrupt overhead
7.9 UARTs
The MPT612 contain two UARTs. In addition to standard transmit and receive data lines
UART1 also provides a full modem control handshake interface. The UARTs in MPT612
include a fractional baud rate generator for both UARTs. Standard baud rates such as
115200 can be achieved with any crystal frequency above 2 MHz. The UARTs provide
the following features:
• 16-byte receive and transmit FIFOs
• Register locations conform to 16C550 industry standard
• Receiver FIFO trigger points at 1-byte, 4-byte, 8-byte and 14-byte
• Built-in fractional baud rate generator covering wide range of baud rates without a
need for external crystals
• Transmission FIFO control enables implementation of software flow control
(XON/XOFF) on both UARTs
• UART1 is equipped with standard modem interface signals. This module also
provides full support for hardware flow control (auto-CTS/RTS)
7.10 I
2C-bus serial I/O controllers
The MPT612 contains two I
2C-bus controllers.
The I
2C-bus is bidirectional, 2-wire interface providing the Serial Clock Line (SCL) and
the Serial DAta line (SDA). Each I
2C-bus device is recognized by a unique address and
can operate as either a receiver-only device (e.g., LCD driver) or a transmitter with the
capability to both receive and send information such as serial memory. Transmitters
and/or receivers can operate in either master or slave mode, depending on whether the
chip has to initiate a data transfer or is only addressed. The I
2C-bus is a multi-master
bus; it can be controlled by more than one bus master connected to it.
The I
2C-bus implemented in the MPT612 supports bit rates up to 400 kbit/s (Fast
I
2C-bus). The controller provides the following features:
• Compliant with standard I2C-bus interface specification
• Easy to configure as master, slave or master/slave
• Programmable clocks allow versatile rate control
• Bidirectional data transfer between masters and slaves
MPT612
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 14 September 2010
12 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com