| Electronic Components Datasheet Search |
|
MPT612 Datasheet(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPT612 Datasheet(HTML) 13 Page - NXP Semiconductors |
|
13 / 37 page ![]() NXP Semiconductors MPT612 Maximum power point tracking IC • Multi-master bus (no central master) • Arbitration between simultaneously transmitting masters without corruption of serial data on the bus • Serial clock synchronization allows devices with different bit rates to communicate using one serial bus • Serial clock synchronization can be used as a handshake mechanism to suspend and resume serial transfer • The I2C-bus can also be used for test and diagnostic purposes 7.11 SPI serial I/O controller The MPT612 contains one SPI I/O controller. SPI is a full duplex serial peripheral interface, designed to handle multiple masters and slaves connected to a given bus. Only a single master and a single slave can communicate on the interface during a given data transfer. During a data transfer the master and slave always send 8 bits to 16 bits of data to each other. The controller provides the following features: • Compliant with SPI specification • Synchronous, Serial, Full Duplex, Communication • SPI Master only • Maximum data bit rate of one eighth of the input clock rate 7.12 SSP serial I/O controller The MPT612 contains one SSP. The SSP controller is capable of operation on using SPI, a 4-wire SSI or Microwire bus. It can interact with multiple masters and slaves on the bus. However, only a single master and a single slave can communicate on the bus during a given data transfer. The SSP supports full duplex transfers, with data frames of 4 bits to 16 bits flowing from the master to the slave and from the slave to the master. Often only one of these data streams carries meaningful data. The controller provides the following features: • Compatible with Motorola SPI, Texas Instruments 4-wire SSI and National Semiconductor’s Microwire buses • Synchronous serial communication • Master or slave operation • 8-frame FIFOs for both transmit and receive • Four bits to 16 bits per frame 7.13 General purpose 32-bit timers/external event counters The Timer/Counter is designed to count cycles of: • the Peripheral CLocK (PCLK) • an externally supplied clock and optionally generate interrupts • perform other actions at specified timer values, based on four match registers. It includes four capture inputs to trap the timer value when input signals transition which can optionally generate an interrupt. Multiple pins can be selected to perform a single capture or match function, for example to provide an application with logical OR, AND and ‘broadcast’ functions. MPT612 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 2 — 14 September 2010 13 of 13 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |