Electronic Components Datasheet Search
  English  ▼

X  

MPT612 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # MPT612
Description  Maximum power point tracking IC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPT612 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button MPT612 Datasheet HTML 17Page - NXP Semiconductors MPT612 Datasheet HTML 18Page - NXP Semiconductors MPT612 Datasheet HTML 19Page - NXP Semiconductors MPT612 Datasheet HTML 20Page - NXP Semiconductors MPT612 Datasheet HTML 21Page - NXP Semiconductors MPT612 Datasheet HTML 22Page - NXP Semiconductors MPT612 Datasheet HTML 23Page - NXP Semiconductors MPT612 Datasheet HTML 24Page - NXP Semiconductors MPT612 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
NXP Semiconductors
MPT612
Maximum power point tracking IC
MPT612
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 14 September 2010
21 of 21
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Ipu
pull-up current
VI = 0 V
[13]
−15
−50
−85
mA
VDD(IO) < VI < 5 V
[12]
0
0
0
mA
IDDC
core supply current
Active mode;
code while (1){}
executed from flash; all
peripherals enabled via PCONP
register but not configured to run;
CCLK = 70 MHz
VDDC = 1.8 V; Tamb = 25 °C
-
41
70
mA
Power-down mode;
VDDC = 1.8 V; Tamb = 25 °C
-
2.5
25
mA
VDDC = 1.8 V; Tamb = 85 °C
-
35
105
mA
Deep power-down mode
RTC off; SRAM off;
Tamb = 25 °C
VDD(RTC) = 3.3 V; VDDC = 1.8 V
-
0.7
-
mA
IDD(RTC)
RTC supply current
Active mode
CCLK = 70 MHz;
PCLK = 12.5 MHz; PCLK
enabled to RTCK; RTC
clock = 32 kHz (from RTCX pins);
Tamb = 25 °C
[14]
VDDC = 1.8 V; VDD(RTC) = 3.0 V
-
10
15
mA
Power-down mode RTC
clock = 32 kHz (from RTCX pins);
Tamb = 25 °C
VDDC = 1.8 V; VDD(RTC) = 2.5 V
-
7
12
mA
VDDC = 1.8 V; VDD(RTC) = 3.0 V
-
8
12
mA
Deep power-down mode
RTC off; SRAM off;
Tamb = 25 °C
VDDC = 1.8 V; VDD(RTC) = 3.0 V
-
8
-
mA
I
2C-bus pins
VIH
HIGH-level input
voltage
0.7 VDD(IO)
-
-
V
VIL
LOW-level input
voltage
-
-
0.3
VDD(IO)
V
Vhys
hysteresis voltage
-
0.5 VDD(IO)
-
V
VOL
LOW-level output
voltage
IOLS = 3 mA
[10]
-
-
0.4
V
ILI
input leakage current
VI = VDD(IO)
-
2
4
mA
VI = 5 V
[15]
-
10
22
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com