Electronic Components Datasheet Search
  English  ▼

X  

W3150A Datasheet(PDF) 39 Page - WIZnet Co., Ltd

Part # W3150A
Description  Support Hardwired TCP/IP Protocols
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W3150A Datasheet(HTML) 39 Page - WIZnet Co., Ltd

Back Button W3150A Datasheet HTML 35Page - WIZnet Co., Ltd W3150A Datasheet HTML 36Page - WIZnet Co., Ltd W3150A Datasheet HTML 37Page - WIZnet Co., Ltd W3150A Datasheet HTML 38Page - WIZnet Co., Ltd W3150A Datasheet HTML 39Page - WIZnet Co., Ltd W3150A Datasheet HTML 40Page - WIZnet Co., Ltd W3150A Datasheet HTML 41Page - WIZnet Co., Ltd W3150A Datasheet HTML 42Page - WIZnet Co., Ltd W3150A Datasheet HTML 43Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 69 page
background image
- 38 -
© Copyright 2006 WIZnet Co., Ltd. All rights reserved.
In case of, assign 4K,2K,1K,1K.
{
RMSR = 0x06; // assign 4K,2K,1K,1K rx memory per socket.
gS0_RX_BASE = chip_base_address + RX_memory_base_address(0x6000);
gS0_RX_MASK = 4K – 1 ; // 0x0FFF, for getting offset address within assigned socket 0 RX memory.
gS1_RX_BASE = gS0_BASE + (gS0_MASK + 1);
gS1_RX_MASK = 2K – 1 ; // 0x07FF
gS2_RX_BASE = gS1_BASE + (gS1_MASK + 1);
gS2_RX_MASK = 1K – 1 ; // 0x03FF
gS3_RX_BASE = gS2_BASE + (gS2_MASK + 1);
gS3_RX_MASK = 1K – 1 ; // 0x03FF
TMSR = 0x06; // assign 4K,2K,1K,1K rx memory per socket.
Same method, set gS0_TX_BASE, gS0_TX_MASK, gS1_TX_BASE, gS1_TX_MASK, gS2_TX_BASE,
gS2_TX_MASK, gS3_TX_BASE and gS3_TX_MASK.
}
Figure 5-1. In case of RMSR = 0x55
Figure 5-2. In case of TMSR = 0x55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com