Electronic Components Datasheet Search
  English  ▼

X  

W3150A Datasheet(PDF) 13 Page - WIZnet Co., Ltd

Part # W3150A
Description  Support Hardwired TCP/IP Protocols
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W3150A Datasheet(HTML) 13 Page - WIZnet Co., Ltd

Back Button W3150A Datasheet HTML 9Page - WIZnet Co., Ltd W3150A Datasheet HTML 10Page - WIZnet Co., Ltd W3150A Datasheet HTML 11Page - WIZnet Co., Ltd W3150A Datasheet HTML 12Page - WIZnet Co., Ltd W3150A Datasheet HTML 13Page - WIZnet Co., Ltd W3150A Datasheet HTML 14Page - WIZnet Co., Ltd W3150A Datasheet HTML 15Page - WIZnet Co., Ltd W3150A Datasheet HTML 16Page - WIZnet Co., Ltd W3150A Datasheet HTML 17Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 69 page
background image
- 12 -
© Copyright 2006 WIZnet Co., Ltd. All rights reserved.
1.4. Power Supply Signal Description
Pin#
Signal
I/O
Description
2, 22, 38, 39, 58
VCC
POSITIVE 3.3V SUPPLY PINS
28
VIN
1.8V power input
1.8V power supply
37
AVIN
1.8V Analog power input
1.8V power supply for analog circuit ; should be well
decoupled.
Refer Figure 1-1. Reference Schematic for Power input.
57
VOUT
1.8V power out
Be sure to connect 10uF tantalum capacitor and a 0.1uF
capacitor for noise de-coupling. Then connect this pin through
a ferrite bead to VIN and AVIN.
3, 13, 23, 36, 45, 54
GND
NEGATIVE (GROUND) SUPPLY PINS
VOUT
AVIN
VIN
+
CP2
10uF
L3
4.7uH
C22
0.1uF
+
CP3
2.2uF
C21
0.1uF
Figure 1-1. Reference Schematic for Power input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com