Electronic Components Datasheet Search
  English  ▼

X  

W3150A Datasheet(PDF) 2 Page - WIZnet Co., Ltd

Part # W3150A
Description  Support Hardwired TCP/IP Protocols
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W3150A Datasheet(HTML) 2 Page - WIZnet Co., Ltd

  W3150A Datasheet HTML 1Page - WIZnet Co., Ltd W3150A Datasheet HTML 2Page - WIZnet Co., Ltd W3150A Datasheet HTML 3Page - WIZnet Co., Ltd W3150A Datasheet HTML 4Page - WIZnet Co., Ltd W3150A Datasheet HTML 5Page - WIZnet Co., Ltd W3150A Datasheet HTML 6Page - WIZnet Co., Ltd W3150A Datasheet HTML 7Page - WIZnet Co., Ltd W3150A Datasheet HTML 8Page - WIZnet Co., Ltd W3150A Datasheet HTML 9Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 69 page
background image
- 1 -
© Copyright 2006 WIZnet Co., Ltd. All rights reserved.
Document History Information
Revision
Data
Description
Ver. 1.0.0
OCT 27, 2005
Release with W3150A Launching
Ver. 1.0.1
NOV 21, 2005
Replace, 1.8V operation → 3.3V operation
(p.3)
Change block diagram
(p.4)
Change figure
(p.32)
Replace, g_Sn_TX_BASE → g_Sn_RX_BASE
(p.33)
Replace, memcpy( , ,left_size) → in memcpy( , ,upper_size)
(p.40, p.41, p.47, p.48, p.49 )
Replace, get_offset = Sn_TX_RR & → get_offset = Sn_TX_WR &
(p.41, p.49)
Replace, SOCK_UDP → SOCK_IPRAW
(p.51)
Ver. 1.0.2
DEC 28, 2005
Add 7.3 Power Dissipation
(p.56)
Ver. 2.0.0
AUG 15, 2006
New version release (W3150A -> W3150A+)
Add SPI Information
Added ND option in socket mode register
Remove Memory test mode
Add MACRAW mode
Ver. 2.0.1
JAN 8, 2007
LB bit in Mode register is not used .
W3150A+ used in Big-endian ordering only.
Ver. 2.0.2
APR 5, 2007
Change Operating temperature value (p.57)
Ver. 2.0.3
May 2, 2007
Modify explanation of RECV_INT in Sn_IR register (P. 27)
Replace reset value of Sn_DHAR register (0x00 to 0xFF, P. 30)
Modify explanation of Sn_DIPR, Sn_DPORT register(P. 30)
Replace reset value of Sn_MSS register (0xFFFF to 0x0000, P. 31)
Modify figure of W3150A+ AC Characteristics(P. 58,59,60,62,63)
Ver. 2.0.4
Oct 5, 2007
Modify figure of W3150A+ AC Characteristics
(Added item NO.7 SCLK high to /SS high, P. 61)
Ver. 2.0.5
Oct 5, 2015
Not support SPI mode 3
Ver. 2.0.6
May 22, 2019
Added Maximum junction temperature(P.59)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com