Electronic Components Datasheet Search
  English  ▼

X  

W3150A Datasheet(PDF) 60 Page - WIZnet Co., Ltd

Part # W3150A
Description  Support Hardwired TCP/IP Protocols
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W3150A Datasheet(HTML) 60 Page - WIZnet Co., Ltd

Back Button W3150A Datasheet HTML 56Page - WIZnet Co., Ltd W3150A Datasheet HTML 57Page - WIZnet Co., Ltd W3150A Datasheet HTML 58Page - WIZnet Co., Ltd W3150A Datasheet HTML 59Page - WIZnet Co., Ltd W3150A Datasheet HTML 60Page - WIZnet Co., Ltd W3150A Datasheet HTML 61Page - WIZnet Co., Ltd W3150A Datasheet HTML 62Page - WIZnet Co., Ltd W3150A Datasheet HTML 63Page - WIZnet Co., Ltd W3150A Datasheet HTML 64Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 69 page
background image
- 59 -
© Copyright 2006 WIZnet Co., Ltd. All rights reserved.
7. Electrical Specification
7.1. Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD
DC Supply voltage
-0.5 to 3.6
V
VIN
DC input voltage
-0.5 to 5.5 (5V tolerant)
V
IIN
DC input current
5
mA
TOP
Operating temperature
-40 to 80
(* refer to qualification report in our website)
C
TJMAX
Maximum junction temperature
125
C
TSTG
Storage temperature
-55 to 125
C
*COMMENT: Stressing the device beyond the “Absolute Maximum Ratings” may cause permanent damage.
7.2. DC Characteristics
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
VDD
DC Supply voltage
Junction temperature is from
-55°C to 125°C
3.0
3.6
V
VIH
High level input voltage
2.0
5.5
V
VIL
Low level input voltage
- 0.5
0.8
V
VOH
High level output voltage
IOH = 2, 4, 8, 12, 16, 24 mA
2.0
3.6
V
VOL
Low level output voltage
IOL = -2, -4, -8, -12, -16, -24 mA
0.0
0.4
V
II
Input Current
VIN = VDD
5
A
7.3. POWER DISSIPATION
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
P10Base
Power consumption in 10BaseT
16
mA
P100Base
Power consumption in 100BaseT
24
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com