| Electronic Components Datasheet Search |
|
IIS3DHHC Datasheet(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
IIS3DHHC Datasheet(HTML) 4 Page - STMicroelectronics |
|
4 / 30 page ![]() 2.2 Electrical characteristics @ Vdd = 2.8 V, T = 25 °C unless otherwise noted. Table 3. Electrical characteristics Symbol Parameter Test condition Min. Typ. (1) Max. Unit Vdd Supply voltage 1.71 2.8 3.6 V Vdd_IO I/O pins supply voltage 1.71 Vdd+0.1 V Idd Supply current 2.5 5 mA VIH Digital high-level input voltage 0.7*Vdd_IO V VIL Digital low-level input voltage 0.3*Vdd_IO V VOH High-level output voltage IOH = 4 mA (2) Vdd_IO - 0.2 V VOL Low-level output voltage IOL = 4 mA(2) 0.2 V Top Operating temperature range -40 +85 °C SPI_Fr SPI frequency 4-wire interface 5 10 MHz Trise Time for power supply to rise(3) 0.01 100 ms Twait Time delay between Vdd_IO and Vdd(3) 0 10 ms 1. Typical specifications are not guaranteed. 2. 4 mA is the maximum driving capability, i.e. the maximum DC current that can be sourced/sunk by the digital pad in order to guarantee the correct digital output voltage levels VOH and VOL. 3. Please refer to Figure 2. Recommended power-up sequence for more details. 2.2.1 Recommended power-up sequence For the power-up sequence please refer to the following figure, where: • Trise is the time for the power supply to rise from 10% to 90% of its final value • Twait is the time delay between the end of the Vdd_IO ramp (90% of its final value) and the start of the Vdd ramp In the power-down sequence Vdd and Vdd_IO can come down in any order. Figure 2. Recommended power-up sequence Trise Twait Trise 0V 0V Vdd_IO Vdd IIS3DHHC Electrical characteristics DS12292 - Rev 3 page 4/30 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |