Electronic Components Datasheet Search
  English  ▼

X  

MPF5023AMBA0ES Datasheet(PDF) 20 Page - NXP Semiconductors

Part # MPF5023AMBA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5023AMBA0ES Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button MPF5023AMBA0ES Datasheet HTML 16Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 17Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 18Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 19Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 20Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 21Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 22Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 23Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 91 page
background image
NXP Semiconductors
PF5023
Power management integrated circuit (PMIC) for high performance applications
PF5023
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
20 / 91
14.5 Power up
14.5.1 Power up events
Upon a power cycle (VIN > UVDET), the LPM_OFF bit is reset to 0, therefore the device
moves to the LP_Off state by default. The actual value of the LPM_OFF bit can be
changed during the Run mode and is maintained until VIN crosses the UVDET threshold.
In either one of the Off modes, the PF5023 can be enabled by the following power up
events:
1. When OTP_PWRON_MODE = 0, PWRON pin is pulled high.
2. When OTP_PWRON_MODE = 1, PWRON pin experiences a high to low transition
and remains low for as long as the PWRON_DBNC timer.
A power up event is valid only if:
• VIN > UVDET
• VIN < VIN_OVLO (unless the OVLO is disabled or OTP_VIN_OVLO_SDWN = 0)
• Tj < thermal shutdown threshold
• TRIM_NOK = 0 && OTP_NOK = 0 && STEST_NOK = 0
14.5.2 Power up sequencing
The power up sequencer controls the time and order in which the voltage regulators and
other controlling I/O are enabled when going from the Off mode into the run state.
The OTP_SEQ_TBASE[1:0] bits set the default time base for the power up and power
down sequencer.
The SEQ_TBASE[1:0] bits can be modified during the system On state in order to
change the sequencer timing during run/standby transitions as well as the power down
sequence.
Table 17. Power up time base register
OTP bits
OTP_SEQ_TBASE[1:0]
Functional bits
SEQ_TBASE[1:0]
Sequencer time base
(µs)
00
00
30
01
01
120
10
10
250
11
11
500
The power up sequence may include any of the following:
• Switching regulators
• PGOOD pin if programmed as a GPO
• RESETBMCU
The default sequence slot for each one of these signals is programmed via the OTP
configuration registers. They can be modified in the functional I2C register map to change
the order in which the sequencer behaves during the run/standby transitions as well as
the power down sequence.
The x_SEQ[7:0] bits set the regulator/pin sequence from 0 to 254. Sequence code 0x00
indicates that the particular output is not part of the startup sequence and remains in OFF
(in case of a regulator) or remains low/disabled (in case PGOOD pin used as a GPO).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com