Electronic Components Datasheet Search
  English  ▼

X  

MPF5023AMBA0ES Datasheet(PDF) 49 Page - NXP Semiconductors

Part # MPF5023AMBA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5023AMBA0ES Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button MPF5023AMBA0ES Datasheet HTML 45Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 46Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 47Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 48Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 49Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 50Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 51Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 52Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 91 page
background image
NXP Semiconductors
PF5023
Power management integrated circuit (PMIC) for high performance applications
PF5023
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
49 / 91
During normal operation, if the SW1 is disabled via the I2C command, SW2 tracks the
output of SW1 and both regulators are discharged together and pulled down internally.
When SW1 is enabled back via the I2C commands, the SW1 output ramps up to the
corresponding voltage while SW2 is always VSW1/2.
When only SW2 is disabled the PMIC uses the OTP_VTT_PDOWN bit to program
whether the SW2 regulator is disabled with the output in high impedance or discharged
internally.
• When OTP_VTT_PDOWN = 0, the output is disabled in high impedance mode.
• When OTP_VTT_PDOWN = 1, the output is disabled with the internal pull down
enabled.
When SW2 is requested to enable back again, the SW2 ramps up to the voltage set on
the VSW2_RUN or VSW2_STBY registers. Once it reaches the final DVS value, it will
change its reference to start tracking SW1 output again. Note that VSW2_RUN(STBY)
must be set to VSW1_RUN(STBY)/2 or the closest code by the MCU to ensure proper
operation.
When operating in VTT mode, the minimum output voltage configuration for SW1 should
be 800 mV to ensure the SW2 is still within the regulation range at its output.
15.2.2 Multiphase operation
Regulators SW1, SW2 and SW3 can be configured in dual and triple phase mode. In
this mode, SW1 registers control the output voltage and other configurations. Likewise,
SW1FB pin becomes the main feedback node for the resulting voltage rail, however the
two FB pins should be connected together.
The OTP_SW1CONFIG[1:0] bits are used to select the multiphase configuration for
SW1/SW2/SW3.
Table 42. OTP_SW1CONFIG register description
OTP_SW1CONFIG[1:0]
Description
00
SW1 and SW2 operate in single phase mode
01
SW1/SW2 operate in dual phase mode
10
Reserved
11
SW1/SW2/SW3 operate in triple phase mode
15.2.3 Electrical characteristics
Table 43. Type 1 buck regulator electrical characteristics
All parameters are specified at TA = −40 to 125 °C, VSWxIN = UVDET to 5.5 V, VSWxFB = 1.0 V, ISWx = 500 mA, typical
external component values, fSW = 2.25 MHz, unless otherwise noted. Typical values are characterized at VSWxIN = 5.0 V,
VSWxFB = 1.0 V, ISWx = 500 mA, and TA = 25 °C, unless otherwise noted.
Symbol
Parameter [1][2]
Min
Typ
Max
Unit
VSWxIN
Operating functional input voltage
UVDET
—
5.5
V
VSWxACC
Output voltage accuracy
PWM mode
0.4 V ≤ VSWxFB ≤ 0.8 V
0 ≤ ISWx ≤ 2.5 A
−10
—
10
mV
VSWxACC
Output voltage accuracy
PWM mode
0.8 V < VSWxFB ≤ 1.5 V
0 ≤ ISWx ≤ 2.5 A
−2.0
—
2.0
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com