Electronic Components Datasheet Search
  English  ▼

X  

MPF5023AMBA0ES Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MPF5023AMBA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5023AMBA0ES Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MPF5023AMBA0ES Datasheet HTML 4Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 5Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 6Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 7Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 8Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 9Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 10Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 11Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 91 page
background image
NXP Semiconductors
PF5023
Power management integrated circuit (PMIC) for high performance applications
PF5023
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
8 / 91
Table 8. Voltage supply summary
Regulator
Type
Input supply
Regulated output
range (V)
VOUT
programmable step
(mV)
IRATED (mA)
SW1
Buck
SW1IN
0.4 V to 1.8 V
6.25
2500
SW2
Buck
SW2IN
VTT/0.4 V to 1.8 V
6.25
2500
SW3
Buck
SW3IN
0.4 V to 1.8 V
6.25
2500
12.4 Device differences
Table 9. Device differences
Description
PF5023 non-safety PF5023 ASIL B
Bits not available on PF5023 non-
safety
During the self-test, the device checks:
• The high speed oscillator circuit is operating within
a maximum of 15 % tolerance
• A CRC is performed on the mirror registers during
the self-test routine to ensure the integrity of the
registers before powering up
• The output of both the voltage generation bandgap
and the monitoring bandgap are not more than 5 %
to 12 % apart from each other
• ABIST test on all voltage monitors and toggling
signals
Not available
Available
AB_SWx_OV
AB_SWx_UV
STEST_NOK
AB_RUN
Fail-safe state: to lock down the system in case of
critical failures cycling the PMIC ON/OFF.
Not available
Available
FS_CNT[3:0]
OTP_FS_BYPASS
OTP_FS_MAX_CNT[3:0]
OTP_FS_OK_TIMER[2:0]
Secure I2C write: I2C write procedure to modify
registers dedicated to safety features (I2C CRC is still
available).
Not available
Available
I2C_SECURE_EN
OTP_I2C_SECURE _EN (always 0)
RANDOM_GEN[7:0]
RANDOM_CHK[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com