Electronic Components Datasheet Search
  English  ▼

X  

MPF5023AMBA0ES Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MPF5023AMBA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5023AMBA0ES Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MPF5023AMBA0ES Datasheet HTML 5Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 6Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 7Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 8Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 9Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 10Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 11Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 12Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 91 page
background image
NXP Semiconductors
PF5023
Power management integrated circuit (PMIC) for high performance applications
PF5023
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
9 / 91
13 State machine
The PF5023 features a state of the art state machine for seamless processor interface.
The state machine handles the IC start up, provides fault monitoring and reporting, and
protects the IC and the system during fault conditions.
aaa-030044
Fault
WD_Reset
D
Q
O
L
R
F
K
U
J
P
M
C
E
Z
N
S
Fault
POWER DOWN
Turn-Off
POWER DOWN
1. WD_FAIL_CNT = WD_MAX_CNT
OR
2. PU_FAIL = True
OR
3. FAULT_CNT = FAULT_MAX_CNT
OR
4. Fault_Timer_Expired
OR
5. Tj > TSD
1. PWRON = 0
OR
2. PWRON H to L &&
PWRON = 0 > TRESET
OR
3. PMIC_OFF = 1 &&
500 µs_Shutdown_timer_expired
OR
4. VIN_OVLO_SDWN = 1 &&
VIN_OVLO detected
Turn-off
Power Up
Sequence
Off Modes
WD Reset Event
System ON
Power up regulators
per OTP sequence
PU_FAIL = True
Power up
failure
BG_OK
OTP_OK
20 MHz_OK
FS_CNT++
Regulators off
Fail self-test
(ST_COUNT < 3)
FS_CNT = FS_MAX_CNT
&& OTP_FS_BYPASS = 0
1. FS_CNT < FS_MAX_CNT
OR
2. OTP_FS_BYPASS = 1
Regulators off
TRIM_NOK = 0
&& OTP_NOK = 0
&& STEST_NOK = 0
VIN > UVDET
V1P5D_POR
VIN < UVDET
CRITICAL FAILURE
WD_FAIL_CNT++
RESETBMCU = HIGH
Sys ON
Sequence
RUN
Fau
lt Sh
utdo
wn
Fa
il s
elf-
tes
ts
(ST
_C
OU
NT
= 3
)
Tu
rn-
off
ev
en
t
Standby
B
A
QPU_Off
LP_Off
Self-
Test
2 ms
delay
OTP &
Trim Load
Fail-Safe
State
Fail-Safe
Transition
Power Down
NO
POWER
PF502x ASILB only
Legend
PF502x QM only
Figure 5. State diagram
Table 10 lists the conditions for the different state machine transitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com