Electronic Components Datasheet Search
  English  ▼

X  

INA848IDR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA848IDR
Description  INA848 Ultra-Low-Noise (1.5 nV/?숰z), High-Bandwidth Instrumentation Amplifier With Fixed Gain of 2000
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA848IDR Datasheet(HTML) 3 Page - Texas Instruments

  INA848IDR Datasheet HTML 1Page - Texas Instruments INA848IDR Datasheet HTML 2Page - Texas Instruments INA848IDR Datasheet HTML 3Page - Texas Instruments INA848IDR Datasheet HTML 4Page - Texas Instruments INA848IDR Datasheet HTML 5Page - Texas Instruments INA848IDR Datasheet HTML 6Page - Texas Instruments INA848IDR Datasheet HTML 7Page - Texas Instruments INA848IDR Datasheet HTML 8Page - Texas Instruments INA848IDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
5 Device Comparison Table
DEVICE
DESCRIPTION
INA821
35-µV VOS, 0.4 µV/°C VOS drift, 7-nV/√Hz Noise, HighBandwidth, Precision Instrumentation Amplifier
INA819
35-µV VOS, 0.4 µV/°C VOS Drift, 8-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier
INA333
25-µV VOS, 0.1 µV/°C VOS drift, 1.8-V to 5-V, RRO, 50-µA IQ, chopper-stabilized INA
PGA280
20-mV to ±10-V programmable gain IA with 3-V or 5-V differential output; analog supply up to ±18 V
PGA112
Precision programmable gain op amp with SPI
6 Pin Configuration and Functions
1
±IN
8
+VS
2
±FL
7
OUT
3
+FL
6
REF
4
+IN
5
-VS
Figure 6-1. D Package, 8-Pin SOIC, Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
–IN
1
I
Negative (inverting) input
+IN
4
I
Positive (noninverting) input
OUT
7
O
Output
–FL
2
I
Negative Filter Terminal.
+FL
3
I
Positive Filter Terminal.
REF
6
I
Reference input. This pin must be driven by a low impedance source.
–VS
5
—
Negative supply
+VS
8
—
Positive supply
www.ti.com
INA848
SBOS946 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: INA848



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com