Electronic Components Datasheet Search
  English  ▼

X  

INA848IDR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # INA848IDR
Description  INA848 Ultra-Low-Noise (1.5 nV/?숰z), High-Bandwidth Instrumentation Amplifier With Fixed Gain of 2000
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA848IDR Datasheet(HTML) 19 Page - Texas Instruments

Back Button INA848IDR Datasheet HTML 15Page - Texas Instruments INA848IDR Datasheet HTML 16Page - Texas Instruments INA848IDR Datasheet HTML 17Page - Texas Instruments INA848IDR Datasheet HTML 18Page - Texas Instruments INA848IDR Datasheet HTML 19Page - Texas Instruments INA848IDR Datasheet HTML 20Page - Texas Instruments INA848IDR Datasheet HTML 21Page - Texas Instruments INA848IDR Datasheet HTML 22Page - Texas Instruments INA848IDR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
9.2 Typical Application
Figure 9-4 shows a typical application for the INA848.
+
–
+FL
VS
+VS
FL
REF
+
–
VCM
VDIFF / 2
+
+
R1
10
R2
10
C1
2 nF
INA848
R6
10 k
C3
0.1 μF
C4
0.1 μF
C2
1 nF
VDIFF / 2
OPA197
C7
100 pF
R4
100 k
R5
100 k
5 V
C7
0.1 μF
VS
+VS
C6
0.1 μF
Figure 9-4. Sensor Conditioning (VDIFF < 5 mV, VS± = 15 V)
9.2.1 Design Requirements
For this application, the design requirements are:
• Differential input signal of VDIFF = 2.5 mV
• Common-mode input voltage of VCM = 10 V
• Power-supply voltage of VS = ± 15 V
• Reference voltage buffered to VREF = 2.5 V
• Output range within 0 V to 5 V
• First-order filter stage with ‒3-dB frequency of 27 kHz
www.ti.com
INA848
SBOS946 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: INA848



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com