Electronic Components Datasheet Search
  English  ▼

X  

INA848IDR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA848IDR
Description  INA848 Ultra-Low-Noise (1.5 nV/?숰z), High-Bandwidth Instrumentation Amplifier With Fixed Gain of 2000
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA848IDR Datasheet(HTML) 1 Page - Texas Instruments

  INA848IDR Datasheet HTML 1Page - Texas Instruments INA848IDR Datasheet HTML 2Page - Texas Instruments INA848IDR Datasheet HTML 3Page - Texas Instruments INA848IDR Datasheet HTML 4Page - Texas Instruments INA848IDR Datasheet HTML 5Page - Texas Instruments INA848IDR Datasheet HTML 6Page - Texas Instruments INA848IDR Datasheet HTML 7Page - Texas Instruments INA848IDR Datasheet HTML 8Page - Texas Instruments INA848IDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
INA848 Ultra-Low-Noise (1.5 nV/√Hz), High-Bandwidth Instrumentation Amplifier
With Fixed Gain of 2000
1 Features
• Fixed gain of 2000 V/V
• Access to internal nodes for filtering
• Ultra-low noise: 1.5 nV/√Hz input voltage noise
(maximum)
• Precision super-beta input performance:
– Low offset voltage: 35 µV (maximum)
– Low offset voltage drift: 0.45 μV/°C (maximum)
– Low input bias current: 25 nA (typical)
– Low gain drift: 5 ppm/°C (maximum)
• Bandwidth: 2.8 MHz
• Slew rate: 45 V/µs
• Common-mode rejection: 132 dB (minimum)
• Supply range:
– Single supply: 8 V to 36 V
– Dual supply: ±4 V to ±18 V
• Specified temperature range:
–40°C to +125°C
• Package: 8-pin SOIC
2 Applications
• Surgical equipment
• Electrocardiogram (ECG)
• Ultrasound scanner
• Semiconductor test
• Data acquisition (DAQ)
• Vibrational analysis
3 Description
The INA848 is a fixed-gain instrumentation amplifier
optimized for high-precision measurements, such as
very-small, fast, differential input signals. TI's super-
beta topology provides a very low input bias current
and current noise. The well-matched transistors help
achieve a very low offset and offset drift. Matching of
the internal resistors yields a high common-mode
rejection ratio of 132 dB across the full input-voltage
range, and a very low gain drift error of 5 ppm/⁰C
(max).
The current-feedback topology of the INA848
produces a wide bandwidth of 2.8 MHz at a fixed gain
of 2000, thereby eliminating the need for subsequent
gain stages. The very-low noise floor of 1.3 nV/√Hz
minimizes the impact on the equivalent number of bits
(ENOB) when interfacing with high-resolution analog-
to-digital converters (ADCs). The INA848 provides the
flexibility of adding filters between the gain stages
(pins 2 and 3) to maintain an adequate signal integrity.
These unique features of the INA848 make this
device an excellent choice for applications requiring
high-precision measurements, such as high-end
medical
instrumentation,
electroencephalography,
vibration sensing, and displacement measurements.
This device is designed for 8-V to 36-V single
supplies, or ±4-V to ±18-V on dual supplies.
Device Information
PART NUMBER(1)
PACKAGE
BODY SIZE (NOM)
INA848
SOIC (8)
4.90 mm × 3.91 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
+
±
+
±
+
±
6 k
3 k
120 k
6 k
120 k
3 k
REF
+VS
OUT
-VS
-IN
+IN
O
IN
IN
REF
V
2000 V
V
V
u
:
:
:
:
1
2
2
3 k
G
1
200
30.15
120 k
G
10
12 k
6 k
6 k
+FL
-FL
30.15
INA848
INA848 Simplified Internal Schematic
Typical Distribution of Input Offset Voltage
www.ti.com
INA848
SBOS946 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: INA848
INA848
SBOS946 – SEPTEMBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA848IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA848 TI-INA848 Datasheet
3Mb / 36P
INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
INA848 TI-INA848 Datasheet
1Mb / 28P
INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Optional Attenuating Gain
MARCH 2022
INA848 TI-INA848 Datasheet
3Mb / 52P
INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Attenuating Gain and Output Clamping
REVISED OCTOBER 2022
INA848 TI2-INA848 Datasheet
2Mb / 38P
INA849 Ultra-Low-Noise (1 nV/√Hz), High-Bandwidth, Instrumentation Amplifier
REVISED APRIL 2021
More results

Similar Description - INA848IDR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8229 AD-AD8229 Datasheet
831Kb / 24P
1nV/?숰z Low Noise 210째C Instrumentation Amplifier
REV. 0
AD8428 AD-AD8428 Datasheet
378Kb / 20P
Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
REV. 0
AD8229 AD-AD8229_16 Datasheet
1,011Kb / 25P
1 nV/?숰z Low Noise 210째C Instrumentation Amplifier
REV. B
AD8421 AD-AD8421_16 Datasheet
706Kb / 29P
3 nV/?숰z, Low Power Instrumentation Amplifier
Rev. 0
AD8429 AD-AD8429_16 Datasheet
631Kb / 21P
1 nV/?숰z Low Noise Instrumentation Amplifier
Rev. 0
logo
Texas Instruments
INA821 TI1-INA821 Datasheet
1Mb / 36P
35-uV Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA818 TI1-INA818 Datasheet
1Mb / 39P
35-uV Offset, 8-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA849 TI-INA849 Datasheet
1Mb / 26P
INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
INA849 TI-INA849_V01 Datasheet
3Mb / 36P
INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
INA849 TI-INA849_V02 Datasheet
3Mb / 36P
INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com