Electronic Components Datasheet Search
  English  ▼

X  

INA848IDR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA848IDR
Description  INA848 Ultra-Low-Noise (1.5 nV/?숰z), High-Bandwidth Instrumentation Amplifier With Fixed Gain of 2000
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA848IDR Datasheet(HTML) 5 Page - Texas Instruments

  INA848IDR Datasheet HTML 1Page - Texas Instruments INA848IDR Datasheet HTML 2Page - Texas Instruments INA848IDR Datasheet HTML 3Page - Texas Instruments INA848IDR Datasheet HTML 4Page - Texas Instruments INA848IDR Datasheet HTML 5Page - Texas Instruments INA848IDR Datasheet HTML 6Page - Texas Instruments INA848IDR Datasheet HTML 7Page - Texas Instruments INA848IDR Datasheet HTML 8Page - Texas Instruments INA848IDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
7.4 Thermal Information
THERMAL METRIC(1)
INA848
UNIT
D (SOIC)
8 PINS
RθJA
Junction-to-ambient thermal resistance
119.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
66.3
°C/W
RθJB
Junction-to-board thermal resistance
61.9
°C/W
ψJT
Junction-to-top characterization parameter
20.5
°C/W
ψJB
Junction-to-board characterization parameter
61.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.5 Electrical Characteristics
at TA = 25°C, VS = ±15 V, RL = 10 kΩ, G = 2000 (fixed) and VREF = 0 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
VOSI
Input offset voltage
±10
±35
µV
TA = –40°C to +125°C(1)
±80
Input offset voltage drift
TA = –40°C to +125°C
±0.1
±0.45
µV/°C
PSRR
Power-supply rejection
ratio
±4 V ≤ (VS) ≤ ±18 V
125
150
dB
Zin
Input impedance
1 || 7
GΩ || pF
RFI filter, –3-dB
frequency
250
MHz
VCM
Operating input voltage(3)
VS = ±4 V to ±18 V
(–VS) + 2.5
(+VS) – 2.5
V
VS = ±4 V to ±18 V, TA = –40°C to +125°C
See Figure 7-9
CMRR
Common-mode rejection
ratio
At dc to 60 Hz, RTI
(–VS) + 2.5 V < VCM < (+VS) – 2.5 V
132
150
dB
At 50 kHz, RTI
(–VS) + 2.5 V < VCM < (+VS) – 2.5 V
110
BIAS CURRENT
IB
Input bias current
VCM = VS / 2
25
50
nA
Input bias current dift
TA = –40°C to +125°C
40
pA/
℃
IOS
Input offset current
VCM = VS / 2
2
10
nA
Input offset current drift
TA = –40°C to +125°C
10
pA/
℃
NOISE VOLTAGE
eNI
Input voltage noise
f = 1 kHz, RS = 0 Ω
1.3
1.5(2)
nV/√Hz
fB = 0.1 Hz to 10 Hz, RS = 0 Ω
55
nVPP
In
Input current noise
f = 1 kHz
1.85
pA/√Hz
fB = 0.1 Hz to 10 Hz
75
pAPP
GAIN
G
First stage gain
200
V/V
Subtractor stage gain
10
V/V
GE
Total gain error
VO = ±10 V
0.05
0.15(1) (2)
%
Total gain drift
TA = –40°C to +125°C
5(1) (2)
ppm/°C
Total gain nonlinearity
VO = –10 V to +10 V, no load
10
ppm
www.ti.com
INA848
SBOS946 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: INA848



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com