Electronic Components Datasheet Search
  English  ▼

X  

ISO1640 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1640
Description  ISO164x-Q1 Robust-EMC Bidirectional I2C Digital Isolators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1640 Datasheet(HTML) 1 Page - Texas Instruments

  ISO1640 Datasheet HTML 1Page - Texas Instruments ISO1640 Datasheet HTML 2Page - Texas Instruments ISO1640 Datasheet HTML 3Page - Texas Instruments ISO1640 Datasheet HTML 4Page - Texas Instruments ISO1640 Datasheet HTML 5Page - Texas Instruments ISO1640 Datasheet HTML 6Page - Texas Instruments ISO1640 Datasheet HTML 7Page - Texas Instruments ISO1640 Datasheet HTML 8Page - Texas Instruments ISO1640 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
ISO164x-Q1 Robust-EMC Bidirectional I2C Digital Isolators
1 Features
• Qualified for Automotive Applications
• AEC-Q100 Qualified With the Following Results:
– VDA320 Compliant
– Device Temperature Grade 1: –40°C to +125°C
Ambient Operating Temperature
– Device HBM ESD Classification Level 3A
– Device CDM ESD Classification Level C6
• Isolated Bidirectional, I2C Compatible,
Communication
– ISO1640-Q1: Bidirectional SDA and SCL
• Supports up to 1.7 MHz Operation
• Robust isolation barrier:
– >100-year projected lifetime at 500 VRMS
working voltage
– Up to 3000 VRMS isolation rating
– Up to 5 kV surge capability
– ±100 kV/μs typical CMTI
• Supply range: 3 V to 5.5 V (Side 1) and 2.25 V to
5.5 V (Side 2)
• Open-Drain Outputs With 3.5-mA Side 1 and 50-
mA Side 2 Sink Current Capability
• Max capacitive load: 80 pF (Side 1) and 400 pF
(Side 2)
• 8-SOIC (D-8) Package Options
• –40°C to +125°C Operating Temperature
• ±8 kV IEC-ESD 61000-4-2 contact discharge
protection across isolation barrier
• Safety-Related Certifications (planned):
– UL 1577 Component Recognition Program
– DIN V VDE V 0884-11
– IEC 60950-1, IEC62368-1, IEC 61010-1, IEC
60601-1 and GB4943.1-2011 certifications
2 Applications
• Electric and Hybrid-Electric Vehicles
• Isolated I2C Buses
• SMBus and PMBus Interfaces
• Power Over Ethernet (PoE)
• Motor Control Systems
• Battery Management
.
3 Description
The ISO1640-Q1 (ISO164x-Q1) device is a hot
swappable, low-power, bidirectional isolator that is
compatible with I2C interfaces. This digital isolator
supports UL 1577 isolation ratings of 3000 VRMS in
the 8-D package. Each isolation channel in this low
emissions device has a logic input and open drain
output separated by a double capacitive silicon
dioxide (SiO2) insulation barrier. This family includes
devices certified by VDE, UL, CSA, TUV and CQC.
The ISO1640-Q1 has two isolated bidirectional
channels for clock and data lines. ISO1640-Q1
integrates logic required to support bidirectional
channels, providing a much simpler design and
smaller footprint when compared to optocoupler-
based solutions.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ISO1640-Q1
SOIC (8)
4.90 mm × 3.91 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Reinforced, Basic, and Functional Isolation
Options
PART NUMBER
ISO164xBD-Q1
Protection Level
Basic
Surge Test Voltage
5000 VPK
Isolation Rating
3000 VRMS
Working Voltage
450 VRMS / 637 VPK
VCC2
VCC1
SDA2
or SCL2
SDA1
or SCL1
GND1
GND2
VREF
Simplified Isolated Bidirectional Data Channel
Schematic
www.ti.com
ISO1640-Q1
SLLSFC3 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: ISO1640-Q1
ISO1640-Q1
SLLSFC3 – OCTOBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - ISO1640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1640 TI-ISO1640 Datasheet
978Kb / 28P
ISO164x Robust-EMC Bidirectional I2C Digital Isolators
ISO1640 TI-ISO1640 Datasheet
2Mb / 45P
ISO164x Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC and GPIOs
ISO1640 TI-ISO1640 Datasheet
2Mb / 46P
ISO164x Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC and GPIOs
ISO1640 TI-ISO1640 Datasheet
3Mb / 55P
ISO164x Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC and GPIOs
REVISED SEPTEMBER 2021
ISO1640 TI-ISO1640 Datasheet
1Mb / 29P
ISO164x-Q1 Robust-EMC Bidirectional I2C Digital Isolators
SLLSFC3 ??OCTOBER 2020
More results

Similar Description - ISO1640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7340-Q1 TI-ISO7340-Q1_15 Datasheet
569Kb / 29P
ISO734x-Q1 Robust EMC, Low-Power, Quad-Channel Digital Isolators
ISO7342-Q1 TI-ISO7342-Q1_15 Datasheet
1Mb / 31P
ISO734x-Q1 Robust EMC, Low-Power, Quad-Channel Digital Isolators
ISO7320-Q1 TI-ISO7320-Q1 Datasheet
1Mb / 28P
ISO732x-Q1 Robust EMC, Low Power, Dual-Channel Digital Isolators
ISO7340-Q1 TI-ISO7340-Q1 Datasheet
1Mb / 33P
ISO734x-Q1 Robust EMC, Low-Power, Quad-Channel Digital Isolators
ISO1640 TI-ISO1640 Datasheet
978Kb / 28P
ISO164x Robust-EMC Bidirectional I2C Digital Isolators
ISO1640 TI-ISO1640_V01 Datasheet
2Mb / 45P
ISO164x Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC and GPIOs
ISO1640 TI-ISO1640_V02 Datasheet
2Mb / 46P
ISO164x Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC and GPIOs
ISO1640-Q1 TI-ISO1640-Q1_V01 Datasheet
1Mb / 29P
ISO164x-Q1 Robust-EMC Bidirectional I2C Digital Isolators
SLLSFC3 ??OCTOBER 2020
ISO1640 TI-ISO1640_V03 Datasheet
3Mb / 55P
ISO164x Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC and GPIOs
REVISED SEPTEMBER 2021
ISO1640-Q1 TI-ISO1640-Q1_V02 Datasheet
2Mb / 45P
ISO164x-Q1 Automotive, Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com