Electronic Components Datasheet Search
  English  ▼

X  

ISO1640 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1640
Description  ISO164x-Q1 Robust-EMC Bidirectional I2C Digital Isolators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1640 Datasheet(HTML) 20 Page - Texas Instruments

Back Button ISO1640 Datasheet HTML 16Page - Texas Instruments ISO1640 Datasheet HTML 17Page - Texas Instruments ISO1640 Datasheet HTML 18Page - Texas Instruments ISO1640 Datasheet HTML 19Page - Texas Instruments ISO1640 Datasheet HTML 20Page - Texas Instruments ISO1640 Datasheet HTML 21Page - Texas Instruments ISO1640 Datasheet HTML 22Page - Texas Instruments ISO1640 Datasheet HTML 23Page - Texas Instruments ISO1640 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
1
ISO1640-Q1
SDA2
SCL2
SCL1
GND2
GND1
VCC2
VCC1
SDA1
4
Side 1
Side 2
2 mm
maximum
2 mm
maximum
8
7
6
5
2
3
1
1 k
10 …F
10 …F
1 k
1 k
1 k
Figure 9-5. Typical ISO1640-Q1 Circuit Hookup
Power Supply Recommendations
To help ensure reliable operation at data rates and supply voltages, TI recommends connecting a 0.1-µF bypass
capacitor at the input and output supply pins (VCC1 and VCC2). The capacitors should be placed as close to the
supply pins as possible. If only a single, primary-side power supply is available in an application, isolated power
can be generated for the secondary-side with the help of a transformer driver such as TI's SN6501-Q1 device.
For such applications, detailed power supply design and transformer selection recommendations are available in
SN6501-Q1 Transformer Driver for Isolated Power Supplies (SLLSEF3).
ISO1640-Q1
SLLSFC3 – OCTOBER 2020
www.ti.com
20
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ISO1640-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com