Electronic Components Datasheet Search
  English  ▼

X  

OPA856 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA856
Description  OPA856 1.1-GHz Unity-Gain Bandwidth, 0.9 nV /?숰z , Bipolar Input Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA856 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA856 Datasheet HTML 12Page - Texas Instruments OPA856 Datasheet HTML 13Page - Texas Instruments OPA856 Datasheet HTML 14Page - Texas Instruments OPA856 Datasheet HTML 15Page - Texas Instruments OPA856 Datasheet HTML 16Page - Texas Instruments OPA856 Datasheet HTML 17Page - Texas Instruments OPA856 Datasheet HTML 18Page - Texas Instruments OPA856 Datasheet HTML 19Page - Texas Instruments OPA856 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
8.3.3 Wide Gain-Bandwidth Product
Figure 7-7 shows the open-loop magnitude and phase response of the OPA856. Calculate the gain bandwidth
product of any op amp by determining the frequency at which the AOL is 40 dB and multiplying that frequency by
a factor of 100. The open-loop response shows the OPA856 to have approximately 57° of phase-margin when
configured as a unity-gain buffer.
Figure 8-5 shows the open-loop magnitude (AOL) of the OPA856 as a function of temperature. The results show
minimal variation over the entire temperature range. Semiconductor process variation is the naturally occurring
variation in the attributes of a transistor (Early-voltage, β, channel-length and width) and other passive elements
(resistors and capacitors) when fabricated into an integrated circuit. The process variation can occur across
devices on a single wafer or across devices over multiple wafer lots over time. Typically the variation across a
single wafer is tightly controlled. Figure 8-6 shows the AOL magnitude of the OPA856 as a function of process
variation over time. The results show the AOL curve for the nominal process corner and the variation one
standard deviation from the nominal. The simulated results show less than 5° of phase-margin difference within
a standard deviation of process variation when the amplifier is configured as a unity-gain bufffer.
Frequency (Hz)
-15
0
15
30
45
60
75
90
10k
100k
1M
10M
100M
1G
AOL at 125qC
AOL at 25qC
AOL at 40qC
Figure 8-5. Open-Loop Gain vs Temperature
Frequency (Hz)
-15
0
15
30
45
60
75
90
10k
100k
1M
10M
100M
1G
AOL ( V)
AOL (Typ.)
AOL ( V)
Figure 8-6. Open-Loop Gain vs Process Variation
OPA856
SBOS623 – OCTOBER 2020
www.ti.com
16
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: OPA856



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com