Electronic Components Datasheet Search
  English  ▼

X  

OPA856 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # OPA856
Description  OPA856 1.1-GHz Unity-Gain Bandwidth, 0.9 nV /?숰z , Bipolar Input Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA856 Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA856 Datasheet HTML 15Page - Texas Instruments OPA856 Datasheet HTML 16Page - Texas Instruments OPA856 Datasheet HTML 17Page - Texas Instruments OPA856 Datasheet HTML 18Page - Texas Instruments OPA856 Datasheet HTML 19Page - Texas Instruments OPA856 Datasheet HTML 20Page - Texas Instruments OPA856 Datasheet HTML 21Page - Texas Instruments OPA856 Datasheet HTML 22Page - Texas Instruments OPA856 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
9.1 Application Information
The OPA856 offers over 1 GHz of bandwidth, high slew-rate, low noise, excellent linearity, and is stable for unity
gain applications. The low noise and unity gain stability make the OPA856 a great choice for use as a front-end
buffer in high-speed data acquisition systems. Additionally the wide bandwidth allows the amplifier to perform
excellently in transimpedance applications or in a high-gain active filter configuration.
9.2 Typical Application
The high GBWP of the OPA856 makes the device an excellent choice as a transimpedance amplifier while the
unity gain stability allows for use of feedback clamping or other unity gain circuitry that would not work for a
decompensated amplifier. Figure 9-1 shows the OPA856 configured as a transimpedance amplifier with an
option feedback clamping diode connection.
+
±
R
F
VBIAS
VOFFSET
VOUT
C
F
Figure 9-1. OPA856 transimpedance amplifier with optional diode clamping
9.2.1 Design Requirements
The objective is to design a low noise, wideband optical front-end system using the OPA856
as a transimpedance amplifier. The design requirements are:
• Amplifier supply voltage: ± 2.5 V
• 1 kΩ transimpedance gain
• Transimpedance bandwidth > 100 MHz
• Total input capacitance 4 pF (1.1 pF from amplifier)
www.ti.com
OPA856
SBOS623 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: OPA856



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com