Electronic Components Datasheet Search
  English  ▼

X  

OPA856 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA856
Description  OPA856 1.1-GHz Unity-Gain Bandwidth, 0.9 nV /?숰z , Bipolar Input Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA856 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA856 Datasheet HTML 13Page - Texas Instruments OPA856 Datasheet HTML 14Page - Texas Instruments OPA856 Datasheet HTML 15Page - Texas Instruments OPA856 Datasheet HTML 16Page - Texas Instruments OPA856 Datasheet HTML 17Page - Texas Instruments OPA856 Datasheet HTML 18Page - Texas Instruments OPA856 Datasheet HTML 19Page - Texas Instruments OPA856 Datasheet HTML 20Page - Texas Instruments OPA856 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
8.3.4 Slew Rate and Output Stage
In addition to wide bandwidth, the OPA856 features a high slew rate of 350 V/µs. The slew rate is a critical
parameter in high-speed pulse applications with narrow sub-10-ns pulses, such as optical time-domain
reflectometry (OTDR) and LIDAR. The high slew rate of the OPA856 implies that the device accurately
reproduces a 2-V, sub-ns pulse edge, as seen in Figure 7-18 . The wide bandwidth and slew rate of the OPA856
make it an excellent amplifier for high-speed signal-chain front ends.
Figure 8-7 shows the open-loop output impedance of the OPA856 as a function of frequency. To achieve high
slew rates and low output impedance across frequency, the output swing of the OPA856 is limited to
approximately 3 V. The OPA856 is typically used in conjunction with high-speed pipeline ADCs and flash ADCs
that have limited input ranges. Therefore, the OPA856 output swing range coupled with the class-leading voltage
noise specification maximizes the overall dynamic range of the signal chain.
Frequency (Hz)
0
5
10
15
20
25
30
10k
100k
1M
10M
100M
1G
10G
Figure 8-7. Open-Loop Output Impedance (ZOL) vs Frequency
www.ti.com
OPA856
SBOS623 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: OPA856



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com