Electronic Components Datasheet Search
  English  ▼

X  

OPA856 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA856
Description  OPA856 1.1-GHz Unity-Gain Bandwidth, 0.9 nV /?숰z , Bipolar Input Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA856 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA856 Datasheet HTML 17Page - Texas Instruments OPA856 Datasheet HTML 18Page - Texas Instruments OPA856 Datasheet HTML 19Page - Texas Instruments OPA856 Datasheet HTML 20Page - Texas Instruments OPA856 Datasheet HTML 21Page - Texas Instruments OPA856 Datasheet HTML 22Page - Texas Instruments OPA856 Datasheet HTML 23Page - Texas Instruments OPA856 Datasheet HTML 24Page - Texas Instruments OPA856 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Many transimpedance applications can have unpredicted, large input currents that can cause the amplifier's
output to saturate. It is often important to understand how the amplifier will behave when its output is saturated
at various levels of overdrive. A typical linear amplifier like the OPA856 can be expected to have an output
saturation recovery time that increases as the amount of output overdrive increases. When using a pulse based
input signal, the output saturation recovery time effectively extends the duration of the pulse. Figure 9-3 shows
the test setup configuration to measure a pulsed optical input to the OPA856. The optical modulator used in the
test setup had limited output amplitude capability to create a saturated signal. In order to prevent the modulator
from saturating, the OPA856 output was saturated by adjusting VOFFSET close to the the amplifier's output
swing limit on the negative rail.
-
- -
+
±
1 NŸ
5V
ON
OFF
1 pF
169
71.5
1330 nm
Optical
Modulator
Tunable Laser
Oscilloscope
OPA856
200-Ÿ ORDG PDWFKHG
to 50-Ÿ LQSXW
Fiber connected
photodiode
1V
Pulse Generator
+
±
VOFFSET
Figure 9-3. OPA856 Transimpedance Pulse Saturation Extention Test Setup
Figure 9-5 shows the resulting shifted output pulses labelled by the magnitude of voltage they are overdriving
the amplifiers output saturation voltage level (VOV). These values only serve as approximations of the overdrive
level of the signal because of expected variances from the optical interface setup. Figure 9-6 shows a magnified
view of the rising edge of the measured pulse responses in order to better detail the pulse extension created by
the signal overdrive. These plots have been scaled and normalized to be easier to read and compare. As
expected, Figure 9-6 shows that the pulse duration is extended as the overdrive level increases. The data only
captured an overdrive voltage maximum of 640 mV, but it can be expected that larger voltages would extend the
pulse further.
www.ti.com
OPA856
SBOS623 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA856



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com