Electronic Components Datasheet Search
  English  ▼

X  

ADP1031 Datasheet(PDF) 34 Page - Analog Devices

Part # ADP1031
Description  Two-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1031 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADP1031 Datasheet HTML 29Page - Analog Devices ADP1031 Datasheet HTML 30Page - Analog Devices ADP1031 Datasheet HTML 31Page - Analog Devices ADP1031 Datasheet HTML 32Page - Analog Devices ADP1031 Datasheet HTML 33Page - Analog Devices ADP1031 Datasheet HTML 34Page - Analog Devices ADP1031 Datasheet HTML 35Page - Analog Devices ADP1031 Datasheet HTML 36Page - Analog Devices ADP1031 Datasheet HTML 37Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
ADP1032
Data Sheet
Rev. 0 | Page 34 of 37
In this case, the ac rms voltage is simply the line voltage of
240 V rms. This calculation is more relevant when the waveform is
not sinusoidal. The value is compared to the limits for working
voltage in Table 9 for the expected lifetime, which is less than a
60 Hz sine wave, and it is well within the limit for a 20-year
service life.
The dc working voltage limit is set by the creepage of the
package as specified in IEC 60664-1. This value can differ for
specific system level standards.
THERMAL ANALYSIS
For the purpose of thermal analysis, the ADP1032 die are
treated as a thermal unit, with the highest junction temperature
reflected in the θJA values from Table 8. The value of θJA is based
on measurements taken with the devices mounted on a JEDEC
standard, 4-layer board with fine width traces and still air. Under
normal operating conditions, the ADP1032 operates at a full
load across the full temperature range without derating the output
current. However, following the recommendations in the PCB
Layout Considerations section decreases thermal resistance to
the PCB, allowing increased thermal margins in high ambient
temperatures. Each switching regulator in the ADP1032 has a
thermal shutdown circuit that turns off the dc-to-dc converter
and the outputs when a die temperature of approximately 150°C is
reached. When the die cools below approximately 135°C, the
ADP1032 dc-to-dc converter outputs turn on again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com