Electronic Components Datasheet Search
  English  ▼

X  

ADP1031 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP1031
Description  Two-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1031 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP1031 Datasheet HTML 12Page - Analog Devices ADP1031 Datasheet HTML 13Page - Analog Devices ADP1031 Datasheet HTML 14Page - Analog Devices ADP1031 Datasheet HTML 15Page - Analog Devices ADP1031 Datasheet HTML 16Page - Analog Devices ADP1031 Datasheet HTML 17Page - Analog Devices ADP1031 Datasheet HTML 18Page - Analog Devices ADP1031 Datasheet HTML 19Page - Analog Devices ADP1031 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
ADP1032
Data Sheet
Rev. 0 | Page 16 of 37
CH2 50.0mV
CH3 100mA BW
CH4 20.0V BW
M1.00µs
A CH1
38.0V
T
0.00000s
Ω B
W
2
3
4
VOUT1
ISWP
VSWP
Figure 28. Flyback Regulator Continuous Conduction Mode Operation
Showing ISWP, Switch Node Voltage, and Output Ripple, TA = 25°C,
VINP = 24 V, VOUT1 = 24 V, IOUT1 = 80 mA
CH2 5.00mV
CH3 100mA BW
CH4 50.0V BW
M4.00µs
A CH4
38.0V
T
0.00000s
Ω B
W
2
3
4
VOUT1
ISWP
VSWP
Figure 29. Flyback Regulator Pulse Skipping Operation Showing Inductor
Current (ISWP), Switch Node Voltage, and Output Ripple, TA = 25°C,
VINP = 48 V, VOUT1 = 24 V, IOUT1 = 4 mA
CH2 1.00V
CH3 20.0V
M4.00ms
A CH2
–120mV
T
12.7800ms
Ω BW
CH4 100mA BW
2
3
4
VOUT1
IOUT1
VSWP
Figure 30. Flyback Regulator Load Transient Response, VINP = 24 V,
VOUT1 = 24 V, IOUT1 = 1 mA to 80 mA Step, TA = 25°C
CH2 10.0mV
CH3 50.0mA BW
CH4 20.0V BW
M1.00µs
A CH4
38.0V
T
0.00000s
Ω B
W
2
3
4
VOUT1
ISWP
VSWP
Figure 31. Flyback Regulator Discontinuous Conduction Mode Operation
Showing ISWP, Switch Node Voltage, and Output Ripple, TA = 25°C,
VINP = 24 V, VOUT1 = 24 V, IOUT1 = 20 mA
CH1 5.00V
CH2 10.0V
A CH1
3.00V
T
19.90%
B
W
CH4 500mA BW
CH3 50.0V BW
2
3
4
1
EN
VOUT1
ISWP
VSWP
Figure 32. Flyback Regulator Short-Circuit Current Limit During Startup,
VINP = 24 V, VOUT1 = SGND2, TA = 25°C
CH2 1.00V
CH3 20.0V BW
CH4 –20.0mA BW
M4.00ms
A CH4
–14.0mA
T 22.50%
Ω B
W
3
4
2
VOUT1
IOUT1
VSWP
Figure 33. Flyback Regulator Load Transient Response, VINP = 24 V,
VOUT1 = 24 V, IOUT1 = 1 mA to 20 mA Step, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com