Electronic Components Datasheet Search
  English  ▼

X  

ADP1031 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP1031
Description  Two-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1031 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP1031 Datasheet HTML 17Page - Analog Devices ADP1031 Datasheet HTML 18Page - Analog Devices ADP1031 Datasheet HTML 19Page - Analog Devices ADP1031 Datasheet HTML 20Page - Analog Devices ADP1031 Datasheet HTML 21Page - Analog Devices ADP1031 Datasheet HTML 22Page - Analog Devices ADP1031 Datasheet HTML 23Page - Analog Devices ADP1031 Datasheet HTML 24Page - Analog Devices ADP1031 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Data Sheet
ADP1032
Rev. 0 | Page 21 of 37
0
2
4
6
8
10
12
14
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VMVDD = 2.5V, VSVDD1 = 1.8V
VMVDD = 3.3V, VSVDD1 = 3.3V
VMVDD = 5.0V, VSVDD1 = 5.0V
Figure 58. SPI Channels tPLH vs. Temperature at Various Supply Voltages
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
20
40
60
80
100
DATA RATE (kbps)
VMVDD = 2.5V, VSVDD2 = 1.8V
VMVDD = 3.3V, VSVDD2 = 3.3V
VMVDD = 5.0V, VSVDD2 = 5.0V
Figure 59. IMVDD vs. Data Rate on All GPIO Channels at Various Supply
Voltages, MSS High
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VMVDD = 2.5V, VSVDD2 = 1.8V
VMVDD = 3.3V, VSVDD2 = 3.3V
VMVDD = 5.0V, VSVDD2 = 5.0V
Figure 60. IMVDD Supply Current vs. Temperature at Various Supply Voltages,
MSS Low, Data Rate = 40 kbps on All GPIO Channels
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
0
2
4
6
8
10
12
14
VMVDD = 2.5V, VSVDD1 = 1.8V
VMVDD = 3.3V, VSVDD1 = 3.3V
VMVDD = 5.0V, VSVDD1 = 5.0V
Figure 61. SPI Channels tPHL vs. Temperature at Various Supply Voltages
0
5
10
15
20
25
30
35
40
45
0
20
40
60
80
100
DATA RATE (kbps)
VMVDD = 2.5V, VSVDD2 = 1.8V
VMVDD = 3.3V, VSVDD2 = 3.3V
VMVDD = 5.0V, VSVDD2 = 5.0V
Figure 62. SVDD2 Supply Current (ISVDD2) vs. Data Rate on All GPIO Channels
at Various Supply Voltages, MSS High
0
5
10
15
20
25
30
35
40
45
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VMVDD = 2.5V, VSVDD2 = 1.8V
VMVDD = 3.3V, VSVDD2 = 3.3V
VMVDD = 5.0V, VSVDD2 = 5.0V
Figure 63. ISVDD2 vs. Temperature at Various Supply Voltages, SSS Low, Data
Rate = 40 kbps on All GPIO Channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com