Electronic Components Datasheet Search
  English  ▼

X  

ADP1031 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP1031
Description  Two-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1031 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP1031 Datasheet HTML 4Page - Analog Devices ADP1031 Datasheet HTML 5Page - Analog Devices ADP1031 Datasheet HTML 6Page - Analog Devices ADP1031 Datasheet HTML 7Page - Analog Devices ADP1031 Datasheet HTML 8Page - Analog Devices ADP1031 Datasheet HTML 9Page - Analog Devices ADP1031 Datasheet HTML 10Page - Analog Devices ADP1031 Datasheet HTML 11Page - Analog Devices ADP1031 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
ADP1032
Data Sheet
Rev. 0 | Page 8 of 37
DIN V VDE 0884-10 (VDE V 0884-10) INSULATION CHARACTERISTICS
Table 6.
Description
Test Conditions/Comments
Symbol
Characteristic
Unit
Installation Classification per DIN VDE 0110
For Rated Mains Voltage ≤ 150 V rms
I to III
For Rated Mains Voltage ≤ 300 V rms
I to II
For Rated Mains Voltage ≤ 400 V rms
I to I
Climatic Classification
40/105/21
Pollution Degree per DIN VDE 0110, Table 1
2
Maximum Working Insulation Voltage
VIORM
565
VPEAK
Input to Output Test Voltage, Method B1
VIORM × 1.875 = VPD(M), 100% production test, tINI = tM = 1 sec,
partial discharge < 5 pC
VPD (M)
1060
VPEAK
Input to Output Test Voltage, Method A
After Environmental Tests Subgroup 1
VIORM × 1.5 = VPD (M), tINI = 60 sec, tM = 10 sec, partial
discharge < 5 pC
VPD (M)
847
VPEAK
After Input and/or Safety Test Subgroup 2
and Subgroup 3
VIORM × 1.2 = VPD (M), tINI = 60 sec, tM = 10 sec, partial
discharge < 5 pC
678
VPEAK
Highest Allowable Overvoltage
VIOTM
3537
VPEAK
Surge Isolation Voltage
VPEAK = 12.8 kV, 1.2 µs rise time, 50 µs, 50% fall time
VIOSM
4000
VPEAK
Safety Limiting Values
Maximum value allowed in the event of a failure (see
Figure 2)
Maximum Junction Temperature
TS
150
°C
Total Power Dissipation at 25°C
PS
2.48
W
Insulation Resistance at TS
VIO = 500 V
RS
>109
Ω
0
0.5
1.0
1.5
2.0
2.5
3.0
0
50
100
150
200
AMBIENT TEMPERATURE (°C)
Figure 2. Thermal Derating Curve, Dependence of Safety Limiting Values with Ambient Temperature per DIN V VDE V 0884-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com