Electronic Components Datasheet Search
  English  ▼

X  

SM5321 Datasheet(PDF) 3 Page - Silicon Microstructures, Inc.

Part # SM5321
Description  Gauge & Differential Pressure Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMI [Silicon Microstructures, Inc.]
Direct Link  https://www.si-micro.com/
Logo SMI - Silicon Microstructures, Inc.

SM5321 Datasheet(HTML) 3 Page - Silicon Microstructures, Inc.

  SM5321 Datasheet HTML 1Page - Silicon Microstructures, Inc. SM5321 Datasheet HTML 2Page - Silicon Microstructures, Inc. SM5321 Datasheet HTML 3Page - Silicon Microstructures, Inc. SM5321 Datasheet HTML 4Page - Silicon Microstructures, Inc. SM5321 Datasheet HTML 5Page - Silicon Microstructures, Inc. SM5321 Datasheet HTML 6Page - Silicon Microstructures, Inc. SM5321 Datasheet HTML 7Page - Silicon Microstructures, Inc. SM5321 Datasheet HTML 8Page - Silicon Microstructures, Inc. SM5321 Datasheet HTML 9Page - Silicon Microstructures, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Silicon Microstructures, Inc. 2001-2017. All rights reserved
+1-(408) 577-0100 | sales@si-micro.com I www.si-micro.com
27
45
131
167
170
175
169
0
61
DOC # 40DS5960.05
SM5221, SM5321 & SM5421 Series
www.si-micro.com
OPERATING CHARACTERISTICS TABLE All parameters are specified at Vdd = 3.3 V DC supply voltage at 25oC,
unless otherwise noted.
Notes:
e. The accuracy specification applies over all operating conditions. This specification includes the combination of linearity, repeatability, and
hysteresis errors over pressure, temperature, and voltage.
f. Maximum lifetime zero pressure offset shift < ±1%FS based on 1000 hours of HTOL , TC and THB testing.
g. For less demanding applications, devices with relaxed accuracy specifications are available
No.
Characteristic
Symbol
Minimum
Typical
Maximum
Units
10
Supply Voltage*
VDD
3.0
3.3
3.6
V
4.75
5.0
5.25
11
Pressure Output @ PMIN
OUTMIN
1,638
Counts
12
Pressure Output @ PMAX
OUTMAX
14,745
Counts
13
Full Scale Span
FSP
13,107
Counts
14
Resolution
14
Bits
15
Accuracy (e, f, g)
ACC
-1
+1
%FS
Page 3
*Custom calibration pressures and voltages are available to meet specific customer demands.
Calibrated Pressure Ranges
No.
Device Type
PMIN (psi)
PMAX (psi)
Comment
16
SM5221 – Gauge
0
+0.8 to +2.49
17
SM5321 – Differential
-2.49 to -0.8
+0.8 to +2.49
Absolute value of PMIN must match absolute value of PMAX
18
SM5421 -- Asymmetric
-2.49 to +0.8
-0.8 to +2.49
Delta between PMAX and PMIN must be at least 0.8 psi



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com