Electronic Components Datasheet Search
  English  ▼

X  

SM5321 Datasheet(PDF) 6 Page - Silicon Microstructures, Inc.

Part # SM5321
Description  Gauge & Differential Pressure Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMI [Silicon Microstructures, Inc.]
Direct Link  https://www.si-micro.com/
Logo SMI - Silicon Microstructures, Inc.

SM5321 Datasheet(HTML) 6 Page - Silicon Microstructures, Inc.

Back Button SM5321 Datasheet HTML 2Page - Silicon Microstructures, Inc. SM5321 Datasheet HTML 3Page - Silicon Microstructures, Inc. SM5321 Datasheet HTML 4Page - Silicon Microstructures, Inc. SM5321 Datasheet HTML 5Page - Silicon Microstructures, Inc. SM5321 Datasheet HTML 6Page - Silicon Microstructures, Inc. SM5321 Datasheet HTML 7Page - Silicon Microstructures, Inc. SM5321 Datasheet HTML 8Page - Silicon Microstructures, Inc. SM5321 Datasheet HTML 9Page - Silicon Microstructures, Inc. SM5321 Datasheet HTML 10Page - Silicon Microstructures, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Silicon Microstructures, Inc. 2001-2017. All rights reserved
+1-(408) 577-0100 | sales@si-micro.com I www.si-micro.com
27
45
131
167
170
175
169
0
61
DOC # 40DS5960.05
SM5221, SM5321 & SM5421 Series
www.si-micro.com
5. Differences sensor I2C Protocol vs. Original I2C protocol
•
Note: There are three differences in the sensor protocol
compared with the original I2C protocol
•
Sending a start-stop condition without any transitions
on the CLK line (no clock pulses in between) created a
communication error for the next communication, even
if the next start condition is correct and the clock pulse
is applied. An additional start condition must be sent,
which results in restoration of proper communication.
6. Diagnostic Features – Status Bits
The sensor offers diagnostic features to ensure robust
system operation. The diagnostic states are indicated by a
transmission of the status of the 2 MSBs of the pressure
high byte data.
•
The restart condition - a falling SDA edge during data
transmission when the CLK clock line is still high -
creates the same situation. The next communication
fails, and an additional start condition must be sent
for correct communication.
•
A failing SDA edge is not allowed between the start
condition and the first rising SCL edge. If using an I2C
address with the first bit 0, SDA must be held low
from the start condition though the first bit.
Status Bits (2 MSBs of Output Packet)
Symbol
00
Normal operation, good data packet
01
Device in Command Mode (not applicable for normal operation)
10(1)
Stale data: Data that has already been fetched since the last measurement cycle
11
Diagnostic condition exists
Note(1): If a data fetch is performed before or during the first measurement after power-on reset, then “stale” will be returned, but this
data is actually invalid because the first measurement has not been completed.
•
When the two MSBs are 11, one of the following faults listed
below is indicated:
•
Invalid EEPROM signature
•
Loss of bridge positive or negative
•
Bridge input short
•
Loss of bridge source
•
All diagnostics are detected in the next measurement
cycle and reported in the subsequent data fetch.
Once a diagnostic is reported, the diagnostic status
bits will not change unless both the cause of the
diagnostic is fixed and a power-on-reset is performed.
Page 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com