Electronic Components Datasheet Search
  English  ▼

X  

SM5321 Datasheet(PDF) 1 Page - Silicon Microstructures, Inc.

Part # SM5321
Description  Gauge & Differential Pressure Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMI [Silicon Microstructures, Inc.]
Direct Link  https://www.si-micro.com/
Logo SMI - Silicon Microstructures, Inc.

SM5321 Datasheet(HTML) 1 Page - Silicon Microstructures, Inc.

  SM5321 Datasheet HTML 1Page - Silicon Microstructures, Inc. SM5321 Datasheet HTML 2Page - Silicon Microstructures, Inc. SM5321 Datasheet HTML 3Page - Silicon Microstructures, Inc. SM5321 Datasheet HTML 4Page - Silicon Microstructures, Inc. SM5321 Datasheet HTML 5Page - Silicon Microstructures, Inc. SM5321 Datasheet HTML 6Page - Silicon Microstructures, Inc. SM5321 Datasheet HTML 7Page - Silicon Microstructures, Inc. SM5321 Datasheet HTML 8Page - Silicon Microstructures, Inc. SM5321 Datasheet HTML 9Page - Silicon Microstructures, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Silicon Microstructures, Inc. 2001-2017. All rights reserved
+1-(408) 577-0100 | sales@si-micro.com I www.si-micro.com
27
45
131
167
170
175
169
0
61
DOC # 40DS5960.05
SM5221, SM5321 & SM5421
Gauge & Differential Pressure Sensors
Low Pressure
Digital Sensor
DESCRIPTION
The SM5221, SM5321 & SM5421 Series is a digital, low pressure
MEMS sensor family offering state-of-the-art pressure transducer
technology and CMOS mixed signal processing technology to
produce a digital, fully conditioned, multi-order pressure and
temperature compensated sensor in JEDEC standard SOIC-16
package with a dual vertical porting option. It is available in both
compound gage or differential pressure configurations. With the
dual porting, a vacuum-gage measurement is possible to minimize
altitude errors due to changes in ambient pressure.
Page 1
FEATURES
•
Pressure ranges from 0.8 to 2.49 psi; gauge, differential and
asymmetric outputs
•
Accuracy: ±1% full scale
•
14-bit digital, pressure calibrated and temperature compensated
output
•
I2C Digital Interface
•
Compensated temperature range: -20oC to 85oC
•
Insensitive to mounting orientation
•
Robust JEDEC SOIC-16 package for automated assembly
•
Manufactured according to ISO9001 and ISO/TS 16949 standards
Combining the pressure sensor with a signal-conditioning ASIC in a
single package simplifies the use of advanced silicon micro-machined
pressure sensors. The pressure sensor can be mounted directly on a
standard printed circuit board and a high level, calibrated pressure
signal can be acquired from the digital interface. This eliminates the
need for additional circuitry, such as a compensation network or
microcontroller containing a custom correction algorithm.
Customer-specified pressure ranges and supply voltages are
available.
The SM5221, SM5321 & SM5421 is shipped in sticks or tape & reel.
Medical
Industrial
Consumer
Sleep Apnea
Airflow Measurement
Sports Equipment
CPAP
Pneumatic Gauges
Appliances
Ventilators
Pressure Switches
Gas Flow Instrumentation
Safety Cabinets
Air Flow Monitors
Life Sciences
Negative Pressure Wound Therapy
Gas Flow Instrumentation


Similar Part No. - SM5321

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM532 ETC1-SM532 Datasheet
132Kb / 14P
Low EMI Spectrum Spread Clock
logo
Nippon Precision Circui...
SM5320A NPC-SM5320A Datasheet
696Kb / 23P
5-channel Video Buffer with Built-in wideband LPF
SM5320AV NPC-SM5320AV Datasheet
696Kb / 23P
5-channel Video Buffer with Built-in wideband LPF
logo
Silicon Mitus, Inc.
SM5328B SILICONMITUS-SM5328B Datasheet
198Kb / 2P
Over-Voltage Protection IC with ±100V Surge & ESD Protection
July 2021 - Rev. 1.0.1
More results

Similar Description - SM5321

ManufacturerPart #DatasheetDescription
logo
Fujikura Ltd.
PSMC-025KPG FUJIKURA-PSMC-025KPG Datasheet
318Kb / 2P
Pressure sensor module/Gauge,Differential
PSM-005KPG FUJIKURA-PSM-005KPG Datasheet
308Kb / 2P
Pressure sensor module/Gauge,Differential
logo
EPCOS
B58611K1100A001 EPCOS-B58611K1100A001 Datasheet
138Kb / 7P
Pressure sensors Gauge pressure transducers
logo
Sensortechnics GmbH
LDES025U SENSORTECHNICS-LDES025U Datasheet
226Kb / 13P
Digital low differential pressure sensors
LMES025U SENSORTECHNICS-LMES025U Datasheet
562Kb / 12P
digital low differential pressure sensors
logo
NXP Semiconductors
MPX53 NXP-MPX53 Datasheet
261Kb / 12P
MPX53, 0 to 50 kPa, Differential and Gauge, Uncompensated, Silicon Pressure Sensors
Rev. 7.1, 07/2015
MPX5100 NXP-MPX5100 Datasheet
496Kb / 20P
MPX5100, 0 to 100 kPa, Differential, Gauge, and Absolute, Integrated, Pressure Sensors
Rev. 14, 12/2018
logo
Silicon Microstructures...
SM4221 SMI-SM4221 Datasheet
1Mb / 11P
Gauge & Differential Pressure Sensors
SM9233 SMI-SM9233 Datasheet
1Mb / 18P
Gauge Pressure Sensors
SM9333 SMI-SM9333 Datasheet
1Mb / 18P
Differential Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com