Electronic Components Datasheet Search
  English  ▼

X  

MMM6025 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MMM6025
Description  Quad-Band GSM/GPRS Power Amplifier Front-End Module with PA and Antenna Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM6025 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MMM6025 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMM6025 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Electrical Characteristics
MMM6025 Advance Information, Rev. 5.1
Freescale Semiconductor
3
Table 2. Recommended Operating Conditions
Characteristic
Symbol
Min
Typ
Max
Unit
Drain Supply Voltage
Vdd
2.8
3.2
4.5
V
Power Control Ramp Voltage
VRAMP
0.1
-
2.2
V
RF Input Power
Pin
5
-
11
dBm
Table 3. DC Specifications
Characteristic
Symbol
Min
Typ
Max
Unit
Voltage PA I (Drain Supplies)
Transmitter Off
Transmitter On
Vdd(TX_off)
Vdd(TX_on)
-
2.8
3.6
3.2
7.0
4.5
Vdc
PA Output Control Voltage
VAPC
0.1
0.2 to 2.1
2.2
V
PA Output Control Current
IAPC
-3.0
-
3.5
mA
Detector PA Enable Voltage1
High
Low
VEN_DET_PA(H)
VEN_DET_PA(L)
2.5
0
-
-
2.9
0.3
Vdc
Detector PA Enable Current1
Source
Sink
IEN_DET_PA(H)
IEN_DET_PA(L)
-
-
-
-
2.0
10
mA
µA
Mode Select Voltage
US (selects GSM850 or PCS)
EU (selects EGSM or DCS)
VEUB_US(H)
VEUB_US(L)
2.5
0
-
-
2.9
0.3
Vdc
RX Band Select Current
Source
Sink
IEUB_US(H)
IEUB_US(L)
-
-
-
-
0.1
10
mA
µA
TX Antenna Enable Voltage
High
Low
VEN_ANT_TX(H)
VEN_ANT_TX(L)
2.5
0
-
-
2.9
0.3
Vdc
TX Antenna Enable Current
Source
Sink
IEN_ANT_TX(H)
IEN_ANT_TX(L)
-
-
-
-
0.1
10
mA
µA
Voltage PA 2 (Regulated Supply)
VREG28
2.65
-
2.9
V
Current Draw
IREG28
-
-
18
mA
BAND SELECT
High (DCS/PCS Bands Selected)
Low (GSM850/EGSM Bands Selected)
VLOWB_HIGH(H)
VLOWB_HIGH(L)
2.5
0
-
-
2.9
0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com